Electronic Components Datasheet Search
  English  ▼

X  

AD8331ARQ Datasheet(PDF) 20 Page - Analog Devices

Part # AD8331ARQ
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8331ARQ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8331ARQ Datasheet HTML 16Page - Analog Devices AD8331ARQ Datasheet HTML 17Page - Analog Devices AD8331ARQ Datasheet HTML 18Page - Analog Devices AD8331ARQ Datasheet HTML 19Page - Analog Devices AD8331ARQ Datasheet HTML 20Page - Analog Devices AD8331ARQ Datasheet HTML 21Page - Analog Devices AD8331ARQ Datasheet HTML 22Page - Analog Devices AD8331ARQ Datasheet HTML 23Page - Analog Devices AD8331ARQ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
AD8331/AD8332/AD8334
Rev. G | Page 20 of 56
TEST CIRCUITS
MEASUREMENT CONSIDERATIONS
Figure 55 through Figure 68 show typical measurement
configurations and proper interface values for measurements
with 50 Ω conditions.
Short-circuit input noise measurements are made as shown in
Figure 62. The input-referred noise level is determined by
dividing the output noise by the numerical gain between Point A
and Point B and accounting for the noise floor of the spectrum
analyzer. The gain should be measured at each frequency of
interest and with low signal levels because a 50 Ω load is driven
directly. The generator is removed when noise measurements
are made.
LMD
18nF
22pF
FB*
120nH
*FERRITE BEAD
IN
OUT
0.1µF
DUT
NETWORK ANALYZER
0.1µF
28Ω
237Ω
28Ω
1:1
50Ω
50Ω
270Ω
INH
237Ω
0.1µF
0.1µF
Figure 55. Test Circuit—Gain and Bandwidth Measurements
10kΩ
10kΩ
LMD
18nF
22pF
FB*
120nH
*FERRITE BEAD
IN
OUT
0.1µF
VGN
DUT
NETWORK ANALYZER
0.1µF
28Ω
237Ω
28Ω
1:1
50Ω
50Ω
INH
237Ω
0.1µF
0.1µF
Figure 56. Test Circuit—Frequency Response for Various Matched Source Impedances
LMD
22pF
FB*
120nH
*FERRITE BEAD
IN
OUT
0.1µF
VGN
DUT
NETWORK ANALYZER
0.1µF
28Ω
237Ω
28Ω
1:1
50Ω
50Ω
INH
237Ω
0.1µF
0.1µF
Figure 57. Test Circuit—Frequency Response for Unterminated LNA, RS = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com