Electronic Components Datasheet Search
  English  ▼

X  

AD8334ACPZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD8334ACPZ
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8334ACPZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8334ACPZ Datasheet HTML 15Page - Analog Devices AD8334ACPZ Datasheet HTML 16Page - Analog Devices AD8334ACPZ Datasheet HTML 17Page - Analog Devices AD8334ACPZ Datasheet HTML 18Page - Analog Devices AD8334ACPZ Datasheet HTML 19Page - Analog Devices AD8334ACPZ Datasheet HTML 20Page - Analog Devices AD8334ACPZ Datasheet HTML 21Page - Analog Devices AD8334ACPZ Datasheet HTML 22Page - Analog Devices AD8334ACPZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
AD8331/AD8332/AD8334
Rev. G | Page 19 of 56
1V
100ns
100
90
10
0
Figure 49. VGA Overdrive Recovery, VINH 4 mV p-p to 70 mV p-p Burst,
VGAIN = 1 V VGA Output Shown Attenuated by 24 dB
1V
100ns
100
90
10
0
Figure 50. VGA Overdrive Recovery, VINH 4 mV p-p to 275 mV p-p Burst,
VGAIN = 1 V VGA Output Shown Attenuated by 24 dB
2V
200mV
1ms
Figure 51. Enable Response, Top: VENB, Bottom: VOUT, VINH = 30 mV p-p
2V
1V
1ms
Figure 52. Enable Response, Large Signal,
Top: VENB, Bottom: VOUT, VINH = 150 mV p-p
0
–10
–20
–30
–40
–50
–60
–70
–80
100k
1M
10M
100M
FREQUENCY (Hz)
VPS1, VGAIN = 0.5V
VPSV, VGAIN = 0.5V
VPS1, VGAIN = 0V
Figure 53. PSRR vs. Frequency (No Bypass Capacitor)
140
130
120
110
100
90
80
70
60
50
40
30
20
–40
100
80
60
40
20
0
–20
TEMPERATURE (°C)
VGAIN = 0.5V
AD8334
AD8332
AD8331
Figure 54. Quiescent Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com