Electronic Components Datasheet Search
  English  ▼

X  

AD9776 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9776
Description  Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9776 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9776 Datasheet HTML 29Page - Analog Devices AD9776 Datasheet HTML 30Page - Analog Devices AD9776 Datasheet HTML 31Page - Analog Devices AD9776 Datasheet HTML 32Page - Analog Devices AD9776 Datasheet HTML 33Page - Analog Devices AD9776 Datasheet HTML 34Page - Analog Devices AD9776 Datasheet HTML 35Page - Analog Devices AD9776 Datasheet HTML 36Page - Analog Devices AD9776 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
AD9776/AD9778/AD9779
Rev. A | Page 33 of 56
10
–100
–4
4
–3
–2
–1
0123
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
fOUT (× Input Data Rate)
Figure 65. Interpolation/Modulation Combination of fDAC/8 Filter
10
–100
–4
4
–3
–2
–1
0
1
2
3
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
fOUT (× Input Data Rate)
Figure 66. Interpolation/Modulation Combination of
2 fDAC/8 Filter in Shifted Mode
10
–100
–4
4
–3
–2
–1
0123
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
fOUT (× Input Data Rate)
Figure 67. Interpolation/Modulation Combination of
3 fDAC/8 Filter in Shifted Mode
Shifted mode filter responses allow the pass band to be centered
around ±0.5 fDATA, ±1.5 fDATA, ±2.5 fDATA, and ±3.5 fDATA. Switching
to the shifted mode response does not modulate the signal.
Instead, the pass band is simply shifted. For example, picture
the response shown in Figure 67 and assume the signal in-band
is a complex signal over the bandwidth 3.2 fDATA to 3.3 fDATA. If
the even mode filter response is then selected, the pass band
becomes centered at 3.5 fDATA. However, the signal remains at
the same place in the spectrum. The shifted mode capability
allows the filter pass band to be placed anywhere in the DAC
Nyquist bandwidth.
The AD9776/AD9778/AD9779 are dual DACs with internal
complex modulators built into the interpolating filter response.
In dual channel mode, the devices expect the real and the
imaginary components of a complex signal at Digital Input
Port 1 and Digital Input Port 2 (I and Q, respectively). The DAC
outputs then represent the real and imaginary components of
the input signal, modulated by the complex carrier fDAC/2,
fDAC/4, or fDAC/8.
With Register 2, Bit 6 set, the device accepts interleaved data on
Port 1 in the I, Q, I, Q . . . sequence. Note that in interleaved
mode, the channel data rate at the beginning of the I and the Q
data paths are now half the input data rate because of the inter-
leaving. The maximum input data rate is still subject to the
maximum specification of the device. This limits the synthesis
bandwidth available at the input in interleaved mode.
With Register 0x02, Bit 5 (real mode) set, the Q channel and the
internal I and Q digital modulation are turned off. The output
spectrum at the I DAC then represents the signal at Digital
Input Port 1, interpolated by 1×, 2×, 4×, or 8×.
The general recommendation is that if the desired signal is
within ±0.4 × fDATA, the odd filter mode should be used. Outside
of this, the even filter mode should be used. In any situation, the
total bandwidth of the signal should be less than 0.8 × fDATA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com