Electronic Components Datasheet Search
  English  ▼

X  

AD9244-40PCB Datasheet(PDF) 8 Page - Analog Devices

Part # AD9244-40PCB
Description  14-Bit, 40 MSPS/65 MSPS A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9244-40PCB Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9244-40PCB Datasheet HTML 4Page - Analog Devices AD9244-40PCB Datasheet HTML 5Page - Analog Devices AD9244-40PCB Datasheet HTML 6Page - Analog Devices AD9244-40PCB Datasheet HTML 7Page - Analog Devices AD9244-40PCB Datasheet HTML 8Page - Analog Devices AD9244-40PCB Datasheet HTML 9Page - Analog Devices AD9244-40PCB Datasheet HTML 10Page - Analog Devices AD9244-40PCB Datasheet HTML 11Page - Analog Devices AD9244-40PCB Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
AD9244
Rev. C | Page 8 of 36
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
48 47 46
45 44 43 42
41 40 39 38 37
35
DFS
34
AVDD
33
AGND
30
DGND
31
AVDD
32
AGND
36
SENSE
29
DRVDD
28
OTR
27
D13 (MSB)
25
D11
26
D12
2
AGND
3
AVDD
4
AVDD
7
CLK+
6
CLK–
5
AGND
1
AGND
8
NIC
9
OEB
10
D0 (LSB)
12
D2
11
D1
13 14
15
16 17 18 19 20 21 22
23 24
PIN 1
AD9244
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 5, 32, 33
AGND
Analog Ground.
3, 4, 31, 34
AVDD
Analog Supply Voltage.
6, 7
CLK–, CLK+
Differential Clock Inputs.
8, 44
NIC
No Internal Connection.
9
OEB
Digital Output Enable (Active Low).
10
D0 (LSB)
Least Significant Bit, Digital Output.
11 to 13,
16 to 21,
24 to 26
D1 to D3,
D4 to D9,
D10 to D12
Digital Outputs.
14, 22, 30
DGND
Digital Ground.
15, 23, 29
DRVDD
Digital Supply Voltage.
27
D13 (MSB)
Most Significant Bit, Digital Output.
28
OTR
Out-of-Range Indicator (Logic 1 Indicates OTR).
35
DFS
Data Format Select. Connect to AGND for straight binary, AVDD for twos complement.
36
SENSE
Internal Reference Control.
37
VREF
Internal Reference.
38
REFGND
Reference Ground.
39 to 42
REFB, REFT
Internal Reference Decoupling.
43
DCS
50% Duty Cycle Stabilizer. Connect to AVDD to activate 50% duty cycle stabilizer, AGND for
external control of both clock edges.
45
CML
Common-Mode Reference (0.5 × AVDD).
46, 47
VIN+, VIN–
Differential Analog Inputs.
48
VR
Internal Bias Decoupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com