Electronic Components Datasheet Search
  English  ▼

X  

PFR7002P Datasheet(PDF) 1 Page - First Components International

Part # PFR7002P
Description  70Amp 1/2 Pressfit Automotive Rectifiers High Current Capability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

PFR7002P Datasheet(HTML) 1 Page - First Components International

  PFR7002P Datasheet HTML 1Page - First Components International PFR7002P Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data Sheet
70Amp 1/2" Pressfit
Automotive Rectifiers
MECHANICAL DIMENSIONS
DESCRIPTION
PRESS-FIT
NOTE:
1.PFR700XP Positive (Forward), (+)
Cathode To Case,Color Code Red
2.PFR700XN Negative(Reverse),(-):
Anode To Case, Color Code Black
Features
Low Cost
Super Cool
Long life Features
High Current Capability
70
100
200
400
600
100
200
400
600
70
140
280
420
1.2
900
10
500
0.8
PFR7001P
PFR7002P
PFR7004P PFR7006P
PFR7001N
PFR7002N PFR7004N PFR7006N
C
Average Forward Current, Io at Tc=150C
60HZ, Resistive Or Inductive Load
Peak Reverse Voltage, Repetitive:VRRM
Unit
VRRM
DC Reverse Voltage, VR
V(DC)
Maximum RMS Voltage
VRMS
Max. Inst Forward Voltage Drop. VF at 100Amp
V(DC)
VF
Peak Forward Surge Current, IFM(surge):
V
8.3ms. Single Half Sine-Wave
A(DC)
A
Symbol
IFSM
IR
Superimposed On Rated Load (JEDEC method)
IR
Maximum Reverse Current IR At Rated DC
Reverse Voltage. TC= 25C
Tj; Tstrg
Maximum Reverse Current IR At Rated DC
R0JA
Reverse Voltage. TC=100C
Maximum Thermal Resistance, Junction To Case
-
(single side cooled)
Operating And Storage Temperature Range
C/W
-65 to +175
uA
uA
IF
Electrical Characteristics@25C
3.Lead have 1mm, 1.3mm And 2.5mm


Similar Part No. - PFR7002P

ManufacturerPart #DatasheetDescription
logo
FCI connector
PFR7001 FCI-CONNECTOR-PFR7001 Datasheet
341Kb / 2P
70Amp 1/2" Pressfit Automotive Rectifiers
More results

Similar Description - PFR7002P

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF11 TSC-SF11_13 Datasheet
427Kb / 4P
1.0AMP. Super Fast Rectifiers High surge current capability
logo
FCI connector
PFR7001 FCI-CONNECTOR-PFR7001 Datasheet
341Kb / 2P
70Amp 1/2" Pressfit Automotive Rectifiers
logo
First Components Intern...
HPFR5001P FCI-HPFR5001P Datasheet
429Kb / 2P
50Amp HOOK Pressfit Automotive Rectifiers High Current Capability
HPFR2501P FCI-HPFR2501P Datasheet
452Kb / 2P
25Amp HOOK Pressfit Automotive Rectifiers High Current Capability
PBFR5018JP FCI-PBFR5018JP Datasheet
448Kb / 2P
50 Amp Press Fit Avalanche AUTOMOTIVE RECTIFIERS High surge current capability
PFR3501P FCI-PFR3501P Datasheet
342Kb / 2P
35Amp 1/2 Pressfit 1.0mm LEAD Auto Rectifiers High Current Capability
PIFR2501P FCI-PIFR2501P Datasheet
418Kb / 2P
25Amp Insulate Flag Pressfit Automotive Rectifiers High Current Capability
PIFR3501P FCI-PIFR3501P Datasheet
232Kb / 1P
35Amp Insulate Flag Pressfit 35Amp Insulate Flag Pressfit High Current Capability
PLFR3502 FCI-PLFR3502 Datasheet
459Kb / 2P
35.0 Amp LUCAS AUTO PRESSFIT High surge current capability
L5002 FCI-L5002 Datasheet
439Kb / 2P
50.0 Amp LUCAS AUTO PRESSFIT High surge current capability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com