Electronic Components Datasheet Search
  English  ▼

X  

ADP170 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP170
Description  300 mA, Low Quiescent Current, CMOS Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP170 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP170 Datasheet HTML 4Page - Analog Devices ADP170 Datasheet HTML 5Page - Analog Devices ADP170 Datasheet HTML 6Page - Analog Devices ADP170 Datasheet HTML 7Page - Analog Devices ADP170 Datasheet HTML 8Page - Analog Devices ADP170 Datasheet HTML 9Page - Analog Devices ADP170 Datasheet HTML 10Page - Analog Devices ADP170 Datasheet HTML 11Page - Analog Devices ADP170 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADP170/ADP171
Rev. B | Page 8 of 20
5.0
4.5
0
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
VIN =2.1V
VIN =2.3V
VIN =2.7V
VIN = 2.9V
VIN = 3.2V
VIN =3.4V
VIN =3.5V
VIN =3.6V
Figure 11. Shutdown Current vs. Temperature at Various Input Voltages
70
60
50
40
30
20
10
0
0.1
1
10
100
1k
LOAD CURRENT (mA)
TA = 25°C
Figure 12. Dropout Voltage vs. Load Current
1.85
1.80
1.75
1.70
1.65
1.60
1.55
1.50
1.55
1.65
1.75
1.85
1.60
1.70
1.80
1.90
VIN (V)
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 300mA
Figure 13. Output Voltage vs. Input Voltage (in Dropout)
400
350
300
250
200
150
100
50
0
1.5
1.7
1.6
1.8
1.9
2.0
VIN (V)
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 300mA
Figure 14. Ground Current vs. Input Voltage (In Dropout)
–30
–40
–50
–60
–70
–80
–90
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
300mA
200mA
100mA
10mA
1mA
Figure 15. Power Supply Rejection Ratio vs. Frequency, VOUT = 0.8 V
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
–30
–40
–50
–60
–70
–80
–90
300mA
200mA
100mA
10mA
1mA
Figure 16. Power Supply Rejection Ratio vs. Frequency, VOUT = 1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com