Electronic Components Datasheet Search
  English  ▼

X  

PLFR2502 Datasheet(PDF) 1 Page - First Components International

Part # PLFR2502
Description  25.0 Amp LUCAS AUTO PRESSFIT High surge current capability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

PLFR2502 Datasheet(HTML) 1 Page - First Components International

  PLFR2502 Datasheet HTML 1Page - First Components International PLFR2502 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25oC ambient temperature unless otherwise specified.
-40 to +175
LUCAS
PLFR2502
SYMBOL
VRRM
VRMS
VB
I(AV)
IFSM
VF
IR
TJ, TSTG
PLFR2504
PLFR2506
600
400
420
280
600
400
25
10
400
500
UNIT
V
V
V
V
A
A
uA
uA
oC
200
140
200
1.2
Maximum Peak Repetitive Reverse Voltage@Irrm=10uA
Maximum RMS Voltage
Maximum DC Blocking Voltage(TA=25
oC)
Maximum Average Forward Current Io@Tc=150
oC
Peak Forward Surge Current, 8.3ms single
Maximum Inst. Forward Voltage Drop,
Maximum DC Reverse Current
(VB)@TJ=25
oC
Operating Junction and Storage Temperature Range
60 Hz, resistive or inductive load
Half sine-wave superimposed on rated load
(JEDEC method)
IF at 80Amp
At Rated DC Blocking Voltage
(VB)@TJ=175
oC
¬
Weight: 4.92 gram
Features
¬
Low forward voltage drop
¬
High current capability
¬
Case: OFC Heat Sink
¬
High surge current capability
¬
Encap: Epoxy Sealed Rated
Mechanical Data
¬
High reliability
UL94V-0
.050( 1.27)
.053( 1.35)
O
O
O
.400( 10.18)
.398( 10.13)
O
Data Sheet
25.0 Amp LUCAS
AUTO PRESSFIT
Description
Mechanical Dimensions


Similar Part No. - PLFR2502

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
PLFR2501 FCI-PLFR2501 Datasheet
538Kb / 2P
25.0 Amp LUCAS AUTO PRESSFIT
More results

Similar Description - PLFR2502

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
PBFR3502 FCI-PBFR3502 Datasheet
674Kb / 2P
35.0 Amp BOSCH TYPE AUTO PRESSFIT High surge current capability
PHFR2502 FCI-PHFR2502 Datasheet
549Kb / 2P
25.0 Amp HITACHI TYPE AUTO PRESSFIT High surge current capability
PLFR3502 FCI-PLFR3502 Datasheet
459Kb / 2P
35.0 Amp LUCAS AUTO PRESSFIT High surge current capability
L5002 FCI-L5002 Datasheet
439Kb / 2P
50.0 Amp LUCAS AUTO PRESSFIT High surge current capability
PMFR2502 FCI-PMFR2502 Datasheet
498Kb / 2P
25.0 Amp MOTOROLA TYPE AUTO PRESSFIT High surge current capability
PMFR5002 FCI-PMFR5002 Datasheet
559Kb / 2P
50.0 Amp MOTOROLA TYPE AUTO PRESSFIT High surge current capability
PTFR2502 FCI-PTFR2502 Datasheet
757Kb / 2P
25.0 Amp TIN CAN AUTO DIODE High surge current capability
PTYFR2502 FCI-PTYFR2502 Datasheet
489Kb / 2P
25.0 Amp Y-LEAD TIN CAN AUTO DIODE High surge current capability
SCFR2502 FCI-SCFR2502 Datasheet
2Mb / 2P
25.0 Amp SOZA CELL AUTO DIODE High surge current capability
PLFR2501 FCI-PLFR2501 Datasheet
538Kb / 2P
25.0 Amp LUCAS AUTO PRESSFIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com