Electronic Components Datasheet Search
  English  ▼

X  

AD694ARZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD694ARZ
Description  4??0 mA Transmitter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD694ARZ Datasheet(HTML) 5 Page - Analog Devices

  AD694ARZ Datasheet HTML 1Page - Analog Devices AD694ARZ Datasheet HTML 2Page - Analog Devices AD694ARZ Datasheet HTML 3Page - Analog Devices AD694ARZ Datasheet HTML 4Page - Analog Devices AD694ARZ Datasheet HTML 5Page - Analog Devices AD694ARZ Datasheet HTML 6Page - Analog Devices AD694ARZ Datasheet HTML 7Page - Analog Devices AD694ARZ Datasheet HTML 8Page - Analog Devices AD694ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD694
REV. B
–5–
Table I. Precalibrated Ranges for the AD694
Input
Output
Voltage
Min
Range
Range
Reference VS
Pin 9
Pin 4
Pin 8
0–2 V
4–20 mA
2 V
4.5 V
Pin 5
Pin 5
Pin 7
0–10 V
4–20 mA
2 V
12.5 V
Pin 5
Open
Pin 7
0–2.5 V
0–20 mA
2 V
5.0 V
≥3 V
Pin 5
Pin 7
0–12.5 V
0–20 mA
2 V
15.0 V
≥3 V
Open
Pin 7
0–2 V
4–20 mA
10 V
12.5 V
Pin 5
Pin 5
Open
0–10 V
4–20 mA
10 V
12.5 V
Pin 5
Open
Open
0–2.5 V
0–20 mA
10 V
12.5 V
≥3 V
Pin 5
Open
0–12.5 V
0–20 mA
10 V
15.0 V
≥3 V
Open
Open
BASIC CONNECTIONS: 12.5 V SINGLE-SUPPLY
OPERATION WITH 10 V FS
Figure 2 shows the minimal connections required for basic
operation with a 12.5 V power supply, 10 V input span,
4–20 mA output span, and a 10 V voltage reference. The buffer
amplifier is connected as a voltage follower to drive the V/I
converter by connecting FB (Pin 1) to –Sig (Pin 2). 4 mA On/
Off (Pin 9) is tied to ground (Pin 5) to enable the 4 mA offset
current. The AD694 can drive a maximum load RL = [VS – 2 V]
/20 mA, thus the maximum load with a 12.5 V supply is 525
Ω.
SELECTING A 2 V FULL-SCALE INPUT
The 2 V full-scale option is selected by shorting Pin 4 (2 V FS)
to Pin 5 (Common). The connection should be as short as pos-
sible; any parasitic resistance will affect the precalibrated span
accuracy.
SELECTING THE 2 V VOLTAGE REFERENCE
The voltage reference is set to a 2 V output by shorting Pin 7 to
Pin 8 (10 V Force to 2 V Sense). If desired, the 2 V reference
can be set up for remote force and sense connection. Keep in
mind that the 2 V Sense line carries a constant current of 100
µA
that could cause an offset error over long wire runs. The 2 V
reference option can be used with all supply voltages greater
than 4.5 V.
optional NPN pass transistor can be added to transfer most of
the power dissipation off-chip, to extend the temperature range
of operation.
The output stage is current-limited at approximately 38 mA to
protect the output from an overdrive at its inputs. The V/I will
allow linear operation to approximately 24 mA. The V/I con-
verter also has an open collector alarm (Pin 10) which warns of
open-circuit condition at the IOUT pin or of attempts to drive the
output to a voltage greater than VS – 2 V.
4 mA OFFSET GENERATOR
This circuit converts a constant voltage from the voltage
reference to a constant current of approximately 200
µA. This
current is summed with the signal current at Pin 14 (BW
Adjust), to result in a constant 4 mA offset current at IOUT. The
4 mA Adj (Pin 6) allows the offset current to be adjusted to any
current in the range of 2 mA to 4.8 mA. Pin 9 (4 mA On/Off)
can shut off the offset current completely if it is lifted to 3.0 V or
more, allowing 0 to 20 mA operation of the AD694. In normal
4–20 mA operation, Pin 9 is connected to ground.
VOLTAGE REFERENCE
A 2 V or 10 V voltage reference is available for user applications,
selectable by pin-strapping. The 10 V option is available for
supply voltages greater than 12.5 V, the 2 V output is available
over the whole 4.5 V to 36 V power supply range. The reference
can source up to 5 mA for user applications. A boost transistor
can be added to increase the current drive capability of the 2 V
mode.
APPLYING THE AD694
The AD694 can easily be connected for either dual or single
supply operation, to operate from supplies as low as 4.5 V and
as high as 36 V. The following sections describe the different
connection configurations, as well as adjustment methods.
Table I shows possible connection options.
Figure 2. Minimal Connections for 0 V to 10 V Single-Ended Input, 4–20 mA Output, 10 V Reference Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com