Electronic Components Datasheet Search
  English  ▼

X  

PDB183 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PDB183
Description  17 mm Rotary Potentiometer w/Push-Pull Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PDB183 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PDB183 Datasheet HTML 1Page - Bourns Electronic Solutions PDB183 Datasheet HTML 2Page - Bourns Electronic Solutions PDB183 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A
25.5 ± 0.5
(1.004 ± .020)
L
0.75
(.030)
M7 X
4.0 ± 0.3
(.157 ± .012)
2.0 ± 0.3
(.079 ± .012)
4.0 ± 0.3
(.157 ± .012)
2.5 ± 0.3
(.098 ± .012)
1.2 ± 0.3
(.047 ± .012)
1.0 ± 0.3
(.039 ± .012)
4.1 ± 0.3
(.161 ± .012)
12.5 ± 0.5
(.492 ± .020)
12.5 ± 0.5
(.492 ± .020)
2.8 ± 0.3
(.110 ± .012)
4.0 ± 0.3
(.157 ± .012)
6.0 ± 0.3
(.236 ± .012)
DIA.
10.5 ± 0.5
(.413 ± .020)
4.0 ± 0.3
(.157 ± .012)
4.2 ± 0.3
(.165 ± .012)
6.5 ± 0.3
(.256 ± .012)
30 °
FULL CCW
17.0 ± 0.5
(.669 ± .020)
L
20
(.787)
10
(.394)
25
(.984)
12
(.472)
30
(1.181)
12
(.472)
A
4.3 ± 0.2
(.169 ± .008)
SWITCH TRAVEL
Features
■ PC pin or solder lug terminals
■ Push-pull switch option
■ Metal shaft styles
■ Carbon element
■ Wide range of resistance tapers
■ RoHS compliant*
PDB183 - 17 mm Rotary Potentiometer w/Push-Pull Switch
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Taper.................................... Linear, audio
Standard Resistance Range
....................... 1 K ohms to 1 M ohms
Standard Resistance Tolerance.....±20 %
Residual Resistance ................. 1 % max.
Environmental Characteristics
Operating Temperature
.................................-10 °C to +50 °C
Power Rating
Linear .....................................0.2 watt
Audio......................................0.1 watt
Maximum Operating Voltage
Linear ........................................ 200 V
Audio......................................... 150 V
Sliding Noise ........................ 47 mV max.
Mechanical Characteristics
Mechanical Angle .....................300 ° ±5 °
Rotational Torque ............ 30 to 100 g-cm
Stop Strength ..................... 5 kg-cm min.
Rotational Life ................... 15,000 cycles
Switch Life......................... 15,000 cycles
Switch Type ....................................DPDT
Switch Travel ......................4.3 ± 0.2 mm
(.169 ± .008 in.)
Soldering Condition
........... 260 °C max. within 3 seconds
Hardware ................. One flat washer and
mounting nut supplied per
potentiometer with bushing
Derating Curve
Ambient Temperature (°C)
20
40 50 60 70
80 90 100
30
10
0
20
33
40
60
80
100
0
Product Dimensions
PDB183-K
DIMENSIONS:
MM
(INCHES)
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
500,000
504
1,000,000
105
0.7 ± 0.3
(.028 ± .012)
3.5 ± 0.3
(.138 ± .012)
5.0 ± 0.3
(.197 ± .012)
5.0 ± 0.3
(.197 ± .012)
5.0 ± 0.3
(.197 ± .012)
4.0 ± 0.3
(.157 ± .012)
1.3 ± 0.3
(.051 ± .012)
DIA. 9 PLCS.
4.0 ± 0.3
(.157 ± .012)
4.2 ± 0.3
(.165 ± .012)
10.5 ± 0.5
(.413 ± 0.20)
Circuit
3
12
Switch
SHOWN IN PUSH POSITION
SHAFT SIDE


Similar Part No. - PDB183

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDB183-GTR BOURNS-PDB183-GTR Datasheet
507Kb / 4P
17 mm Guitar Potentiometer w/Push-Pull Switch
PDB183-GTR BOURNS-PDB183-GTR Datasheet
531Kb / 4P
17 mm Guitar Potentiometer w/Push-Pull Switch
REV. 09/16
PDB183-GTR01 BOURNS-PDB183-GTR01 Datasheet
507Kb / 4P
17 mm Guitar Potentiometer w/Push-Pull Switch
PDB183-GTR01 BOURNS-PDB183-GTR01 Datasheet
531Kb / 4P
17 mm Guitar Potentiometer w/Push-Pull Switch
REV. 09/16
PDB183-GTR01-254A2 BOURNS-PDB183-GTR01-254A2 Datasheet
531Kb / 4P
17 mm Guitar Potentiometer w/Push-Pull Switch
REV. 09/16
More results

Similar Description - PDB183

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDA17 BOURNS-PDA17 Datasheet
266Kb / 3P
17 mm Rotary Potentiometer
PTR90 BOURNS-PTR90 Datasheet
391Kb / 3P
9 mm Multi-Ganged Potentiometer w/Rotary Switch
PDB18 BOURNS-PDB18 Datasheet
522Kb / 5P
17 mm Rotary Potentiometer
PDB183-GTR BOURNS-PDB183-GTR Datasheet
507Kb / 4P
17 mm Guitar Potentiometer w/Push-Pull Switch
PDB184 BOURNS-PDB184 Datasheet
270Kb / 2P
17 mm Rotary Potentiometer w/Rotary Switch
PTR90 BOURNS-PTR90_14 Datasheet
426Kb / 3P
9 mm Multi-Ganged Potentiometer w/Rotary Switch
PDB18 BOURNS-PDB18_13 Datasheet
583Kb / 5P
17 mm Rotary Potentiometer
54AAD-C28-B15 BOURNS-54AAD-C28-B15 Datasheet
356Kb / 4P
Panel Control w/Push-Pull Switch
PDB185-GTR BOURNS-PDB185-GTR Datasheet
665Kb / 4P
17 mm Guitar Potentiometer w/Latching-Push Switch
logo
Littelfuse
LF11115TMR LITTELFUSE-LF11115TMR Datasheet
631Kb / 6P
TMR Bipolar Switch 17 Gauss 200nA Push Pull Sensor
Revised: 02/20/20
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com