Electronic Components Datasheet Search
  English  ▼

X  

SCFR5030 Datasheet(PDF) 1 Page - First Components International

Part # SCFR5030
Description  50 Amps SOZA CELL AUTO AVALANCHE DIODES High surge current capability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SCFR5030 Datasheet(HTML) 1 Page - First Components International

  SCFR5030 Datasheet HTML 1Page - First Components International SCFR5030 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25oC ambient temperature unless otherwise specified.
-40 to +175
S
CFR5018
SYMBOL
VRRM
VRMS
VB
I(AV)
IFSM
VF
IR
TJ, TSTG
S
CFR5020
S
CFR5030
34-45
24-32
28
20
28
20
50
1
600
150
UNIT
V
V
V
V
A
A
uA
uA
oC
19-24
16
16
1.2
Maximum Peak Repetitive Reverse Voltage@Irrm=100mA
Maximum RMS Voltage
Maximum DC Blocking Voltage(TA=25
oC)
Maximum Average Forward Current Io@Tc=150
oC
Peak Forward Surge Current, 8.3ms single
Maximum Inst. Forward Voltage Drop,
Maximum DC Reverse Current
(VB)@TJ=25
oC
Operating Junction and Storage Temperature Range
60 Hz, resistive or inductive load
Half sine-wave superimposed on rated load
(JEDEC method)
IF at 100Amp
At Rated DC Blocking Voltage
(VB)@TJ=150
oC
¬
Weight: 0.62gram
Features
¬
Low forward voltage drop
¬
High current capability
¬
Case: OFC Heat Sink
¬
High surge current capability
¬
Encap: Epoxy Sealed Rated
Mechanical Data
¬
High reliability
UL94V-0
MAX. 6.55
MAX. 7.5
SOZA CELL
50 Amps SOZA CELL
Mechanical Dimension
Descriptions
AUTO AVALANCHE DIODES


Similar Part No. - SCFR5030

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
SCFR5002 FCI-SCFR5002 Datasheet
553Kb / 2P
50 Amps SOZA CELL AUTO DIODES High surge current capability
logo
FCI connector
SCFR5002-5006 FCI-CONNECTOR-SCFR5002-5006 Datasheet
553Kb / 2P
50 Amps SOZA CELL AUTO DIODES
logo
First Components Intern...
SCFR5004 FCI-SCFR5004 Datasheet
553Kb / 2P
50 Amps SOZA CELL AUTO DIODES High surge current capability
SCFR5006 FCI-SCFR5006 Datasheet
553Kb / 2P
50 Amps SOZA CELL AUTO DIODES High surge current capability
More results

Similar Description - SCFR5030

ManufacturerPart #DatasheetDescription
logo
FCI connector
SCFR3518-C3530 FCI-CONNECTOR-SCFR3518-C3530 Datasheet
451Kb / 2P
35 Amps SOZA CELL AUTO AVALANCHE DIODES
SCFR5002-5006 FCI-CONNECTOR-SCFR5002-5006 Datasheet
553Kb / 2P
50 Amps SOZA CELL AUTO DIODES
SCFR7023-7050 FCI-CONNECTOR-SCFR7023-7050 Datasheet
879Kb / 2P
70 Amps SOZA CELL AUTO AVALANCH DIODES
logo
First Components Intern...
SCFR2502 FCI-SCFR2502 Datasheet
2Mb / 2P
25.0 Amp SOZA CELL AUTO DIODE High surge current capability
SCFR3502 FCI-SCFR3502 Datasheet
472Kb / 2P
35 Amps SOZA CELL AUTO DIODES High surge current capability
SCFR3518 FCI-SCFR3518 Datasheet
451Kb / 2P
35 Amps SOZA CELL AUTO AVALANCHE DIODES High surge current capability
SCFR5002 FCI-SCFR5002 Datasheet
553Kb / 2P
50 Amps SOZA CELL AUTO DIODES High surge current capability
SCFR7002 FCI-SCFR7002 Datasheet
606Kb / 2P
70 Amps SOZA CELL AUTO DIODES High surge current capability
SCFR7023 FCI-SCFR7023 Datasheet
879Kb / 2P
70 Amps SOZA CELL AUTO AVALANCH DIODES High surge current capability
logo
GOOD-ARK Electronics
BSOZAA50M GOOD-ARK-BSOZAA50M_15 Datasheet
42Kb / 1P
Big SOZA Cell Avalanche Voltage 37 to 41Volts Current 50 Amps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com