Electronic Components Datasheet Search
  English  ▼

X  

XM2D-0901 Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # XM2D-0901
Description  PLC Cable and Wiring Guide
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XM2D-0901 Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button XM2D-0901 Datasheet HTML 14Page - Omron Electronics LLC XM2D-0901 Datasheet HTML 15Page - Omron Electronics LLC XM2D-0901 Datasheet HTML 16Page - Omron Electronics LLC XM2D-0901 Datasheet HTML 17Page - Omron Electronics LLC XM2D-0901 Datasheet HTML 18Page - Omron Electronics LLC XM2D-0901 Datasheet HTML 19Page - Omron Electronics LLC XM2D-0901 Datasheet HTML 20Page - Omron Electronics LLC XM2D-0901 Datasheet HTML 21Page - Omron Electronics LLC XM2D-0901 Datasheet HTML 22Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
19
TSX SCP114
TSX SCP CM 4030
Orange/White
White/Orange
White/Green
Green/White
Brown/White
SDB(+)
SDA(-)
RDB(+)
RDA(-)
PLC Side
(TSX SCP CX 4030)
Omron
NT Side
Terminal
Orange/White
White/Orange
White/Green
Green/White
Brown/White
11
15
10
16
SDB(+)
SDA(-)
RDB(+)
RDA(-)
PLC Side
(TSX SCP CX 4030)
Omron
NT Side
25 Pin Male
Metric Thread
NT631 (Port B Terminal Strip)
NT31 (Port B)
Modicon TSX Micro 37-21/22 & Premium Series PLCs
For RS-422A connection:
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
TXD
RXD
GND
Shield
RXD
TXD
DTR
GND
DSR
RTS
CTS
PLC Side
Omron
NT Side
9 Pin Male
Metric Thread
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
TXD
RXD
GND
Shield
RXD
TXD
DTR
GND
DSR
RTS
CTS
PLC Side
Omron
NT Side
25 Pin Male
NT31 (Port A)
NT631 (Port A or B)
NT31 (Port B)
Modicon TSX Quantum Series PLCs
For RS-232C connection:
Cable Solutions for Multi-Vendor PLCs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com