Electronic Components Datasheet Search
  English  ▼

X  

ADG413BNZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADG413BNZ
Description  LC2MOS Precision Quad SPST Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG413BNZ Datasheet(HTML) 3 Page - Analog Devices

  ADG413BNZ Datasheet HTML 1Page - Analog Devices ADG413BNZ Datasheet HTML 2Page - Analog Devices ADG413BNZ Datasheet HTML 3Page - Analog Devices ADG413BNZ Datasheet HTML 4Page - Analog Devices ADG413BNZ Datasheet HTML 5Page - Analog Devices ADG413BNZ Datasheet HTML 6Page - Analog Devices ADG413BNZ Datasheet HTML 7Page - Analog Devices ADG413BNZ Datasheet HTML 8Page - Analog Devices ADG413BNZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADG411/ADG412/ADG413
Rev. D | Page 3 of 16
SPECIFICATIONS
DUAL SUPPLY
VDD = 15 V ± 10%, VSS = –15 V ± 10%, VL = 5 V ± 10%, GND = 0 V, unless otherwise noted.1
Table 1.
B Version
T Version
Parameter
+25°C
−40°C to
+85°C
+25°C
−55°C to
+125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VDD to VSS
VDD to VSS
V
RON
25
25
Ω typ
VD = ±8.5 V, IS = −10 mA;
35
45
35
45
Ω max
VDD = +13.5 V, VSS = −13.5 V
LEAKAGE CURRENTS
VDD = +16.5 V, VSS = −16.5 V
Source OFF Leakage IS (OFF)
±0.1
±0.1
nA typ
VD = +15.5 V/−15.5 V,
VS = −15.5 V/+15.5 V;
±0.25
±0.25
±0.25
±20
nA max
Figure 15
Drain OFF Leakage ID (OFF)
±0.1
±0.1
nA typ
VD = +15.5 V/−15.5 V,
VS = −15.5 V/+15.5 V;
±0.25
±5
±0.25
±20
nA max
Figure 15
Channel ON Leakage ID, IS (ON)
±0.1
±0.1
nA typ
VD = VS = +15.5 V/−15.5 V;
±0.4
±10
±0.4
± 40
nA max
Figure 16
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
V max
Input Current
IINL or IINH
0.005
0.005
μA typ
VIN = VINL or VINH
±0.5
±0.5
μA max
DYNAMIC CHARACTERISTICS2
tON
110
110
ns typ
RL = 300 Ω, CL = 35 pF;
175
175
ns max
VS = ±10 V; Figure 17
tOFF
100
100
ns typ
RL = 300 Ω, CL = 35 pF;
145
145
ns max
VS = ±10 V; Figure 17
Break-Before-Make Time Delay, tD
(ADG413 Only)
25
25
ns typ
RL = 300 Ω, CL = 35 pF;
VS1 = VS2 = 10 V; Figure 18
Charge Injection
5
5
pC typ
VS = 0 V, RS = 0 Ω, CL = 10 nF;
Figure 19
OFF Isolation
68
68
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
Figure 20
Channel-to-Channel Crosstalk
85
85
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
Figure 21
CS (OFF)
9
9
pF typ
f = 1 MHz
CD (OFF)
9
9
pF typ
f = 1 MHz
CD, CS (ON)
35
35
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = +16.5 V, VSS = −16.5 V; Digital
inputs = 0 V or 5 V
IDD
0.0001
0.0001
μA typ
1
5
1
5
μA max
ISS
0.0001
0.0001
μA typ
1
5
1
5
μA max
IL
0.0001
0.0001
μA typ
1
5
1
5
μA max
1 Temperature ranges are as follows: B versions: −40°C to +85°C; T versions: −55°C to +125°C.
2 Guaranteed by design; not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com