Electronic Components Datasheet Search
  English  ▼

X  

SMA6T33AY Datasheet(PDF) 7 Page - STMicroelectronics

Part # SMA6T33AY
Description  Automotive 600 W Transil™ in SMA package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA6T33AY Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SMA6T33AY Datasheet HTML 3Page - STMicroelectronics SMA6T33AY Datasheet HTML 4Page - STMicroelectronics SMA6T33AY Datasheet HTML 5Page - STMicroelectronics SMA6T33AY Datasheet HTML 6Page - STMicroelectronics SMA6T33AY Datasheet HTML 7Page - STMicroelectronics SMA6T33AY Datasheet HTML 8Page - STMicroelectronics SMA6T33AY Datasheet HTML 9Page - STMicroelectronics SMA6T33AY Datasheet HTML 10Page - STMicroelectronics SMA6T33AY Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SMA6TY
Characteristics
Doc ID 17869 Rev 3
7/11
Figure 10.
Junction capacitance versus reverse
applied voltage for unidirectional
types (typical values)
Figure 11.
Junction capacitance versus
reverse applied voltage for
bidirectional types (typical values)
C(pF)
10
100
1000
10000
1
10
100
1000
F=1 MHz
VOSC=30 mVRMS
Tj=25 °C
SMA6T6V7AY
SMA6T30AY
SMA6T82AY
V (V)
R
C(pF)
10
100
1000
10000
1
10
100
1000
F=1 MHz
VOSC=30 mVRMS
Tj=25 °C
SMA6T6V7CAY
SMA6T30CAY
SMA6T82CAY
V (V)
R
Figure 12.
Relative variation of thermal
impedance, junction to ambient,
versus pulse duration
Figure 13.
Thermal resistance junction to
ambient versus copper surface
under each lead
Zth (j-a)/Rth (j-a)
0.01
0.10
1.00
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
s
tp
Printed circuit board FR4,
copper surface = 1 cm2
R
th(j-a) (°C/W)
40
50
60
70
80
90
100
110
120
130
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
printed circuit board FR4,
copper thickness = 35 µm
SCu(cm²)
Figure 14.
Leakage current versus junction
temperature (typical values)
Figure 15.
Peak forward voltage drop versus
peak forward current
(typical values)
I (nA)
R
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
25
50
75
100
125
150
VR=VRM
VRM > 10 V
VRM ≤ 10 V
T (°C)
j
I
FM(A)
1.E-02
1.E-01
1.E+00
1.E+01
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
Tj=25 °C
Tj=125 °C
VFM(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com