Electronic Components Datasheet Search
  English  ▼

X  

SF53G Datasheet(PDF) 1 Page - First Components International

Part # SF53G
Description  5.0 Amp SUPER FAST PLASTIC RECTIFIERS Fast switching for high efficiency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SF53G Datasheet(HTML) 1 Page - First Components International

  SF53G Datasheet HTML 1Page - First Components International SF53G Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to +150
DO-201AD
SF
51G
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
SF
52G
SF
53G
SF
54G
SF
55G
50
100
200
140
200
400
35
70
280
50
100
400
SF
56G
600
420
600
5.0
5.0
150
1.3
0.95
1.5
50
35
65
250
100
20
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
oCW
nS
300
210
300
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TL=55
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 5.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 3)
Features
¬
L ow
forward voltage drop
¬
Fast switching for high efficiency
¬
High current capability
¬
Case: Molded plastic DO-201AD
¬
High surge current capability
¬
Weight: 1.1 grams
¬
Polarity:Color band denotes cathode
method 208
¬
Mounting position: Any
¬
Terminals: Solderable per MIL-STD-202
Mechanical Data
¬
Low reverse leakage current
R JA
Temperature Range
(1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to lead.
¬
Epoxy: UL 94V-0 rate flame retardant
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.375(9.5)
.285(7.2)
.052(1.3)
.048(1.2)
DIA.
.210(5.3)
.190(4.8)
DIA.
Description
Data Sheet
.0 Amp SUPER FAST
PLASTICRECTIFIERS
Mechanical Dimensions
5


Similar Part No. - SF53G

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SF53G MIC-SF53G Datasheet
54Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Chongqing Pingwei Enter...
SF53G CHONGQING-SF53G Datasheet
39Kb / 1P
SUPER FAST RECOVERY RECTIFIER
logo
SeCoS Halbleitertechnol...
SF53G SECOS-SF53G Datasheet
161Kb / 2P
5 A, Glass Passivated Super Fast Rectifiers
logo
Yea Shin Technology Co....
SF53G YEASHIN-SF53G Datasheet
57Kb / 2P
SUPE RFAST RECOVERY RECTIFIERS VOLTAGE- 50 to 8 00 Volts CURRENT - 5.0 Amperes
logo
Leshan Radio Company
SF53G LRC-SF53G Datasheet
193Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 5.0A
More results

Similar Description - SF53G

ManufacturerPart #DatasheetDescription
logo
Bytes
SF51 BYTES-SF51 Datasheet
161Kb / 2P
5.0 AMP SUPER FAST RECTIFIERS
logo
Formosa MS
SF51 FORMOSA-SF51 Datasheet
36Kb / 2P
5.0 AMP SUPER FAST RECTIFIERS
logo
UNIOHM CORPORATION
SF51 UNIOHM-SF51 Datasheet
70Kb / 2P
5.0 AMP SUPER FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
SF51 LUGUANG-SF51 Datasheet
185Kb / 2P
5.0 AMP. Super Fast Rectifiers
logo
First Components Intern...
FR51G FCI-FR51G Datasheet
499Kb / 2P
5.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
FRF50G FCI-FRF50G Datasheet
1Mb / 2P
5.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
logo
Goodwork Semiconductor ...
SF51 GWSEMI-SF51 Datasheet
71Kb / 2P
5.0 AMP SUPER FAST RECTIFIERS
logo
Nanjing International G...
ES5A DGNJDZ-ES5A Datasheet
982Kb / 2P
5.0 AMP SUPER FAST RECTIFIERS
SF51 DGNJDZ-SF51 Datasheet
225Kb / 2P
5.0 AMP SUPER FAST RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SF51 YIXIN-SF51 Datasheet
260Kb / 2P
5.0 AMP SUPER FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com