Electronic Components Datasheet Search
  English  ▼

X  

SF81G Datasheet(PDF) 1 Page - First Components International

Part # SF81G
Description  8.0 Amps Glass Passivated Super - Fast Rectifiers High surge current capability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SF81G Datasheet(HTML) 1 Page - First Components International

  SF81G Datasheet HTML 1Page - First Components International SF81G Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to + 150
TO-220AC
SF81G
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
SF82G
SF83G
SF84G
SF85G
50
100
200
140
200
400
35
70
280
50
100
400
SF86G
600
420
600
8.0
10.0
125
1.3
1.5
0.95
35
50
250
65
2.2
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
oCW
nS
300
210
300
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=100
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 8.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 3)
Features
¬
Low forward voltage drop
¬
Fast switching for high efficiency
¬
High current capability
¬
Case: Molded plastic TO-220AC
¬
High surge current capability
¬
Weight: 2.03 grams
¬
Polarity:Color band denotes cathode
method 208
¬
Mounting position: Any
¬
Terminals: Solderable per MIL-STD-202
Mechanical Data
¬
Low reverse leakage current
R JC
Temperature Range
(1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to case.
¬
Epoxy: UL 94V-0 rate flame retardant
1
2
MAX.412(10.5)
.06(1.52)
.05(1.27)
.594(15.1)
.587(14.9)
.56(14.22)
.53(13.46)
.037(0.94)
.027(0.68)
DIA
.205(5.20)
.195(4.95)
.154(3.91)
.148(3.74)
PIN
1
2
.185(4.70)
.175(4.44)
.11(2.79)
.10(2.54)
.025(0.64)
.014(0.35)
.055(1.40)
.045(1.14)
Description
Mechanical Dimensions


Similar Part No. - SF81G

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SF81G ZSELEC-SF81G Datasheet
141Kb / 2P
8.0A SUPERFAST GLASS PASSVITED RECTIFIER
More results

Similar Description - SF81G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF801G TSC-SF801G Datasheet
95Kb / 2P
8.0 AMPS. Glass Passivated Super Fast Rectifiers
SFA801G TSC-SFA801G Datasheet
55Kb / 2P
8.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF801G TSC-SFAF801G Datasheet
83Kb / 2P
Isolation 8.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAS801G TSC-SFAS801G Datasheet
87Kb / 2P
8.0 AMPS. Glass Passivated Super Fast Rectifiers
MUR820 TSC-MUR820_1 Datasheet
245Kb / 2P
8.0 AMPS. Glass Passivated Super Fast Rectifiers
SF801G TSC-SF801G_1 Datasheet
344Kb / 2P
8.0 AMPS. Glass Passivated Super Fast Rectifiers
SFA801G TSC-SFA801G_1 Datasheet
262Kb / 2P
8.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF801G TSC-SFAF801G_1 Datasheet
275Kb / 2P
Isolated 8.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF801G TSC-SFAF801G_10 Datasheet
648Kb / 2P
Isolated 8.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
First Components Intern...
SF11G FCI-SF11G Datasheet
522Kb / 2P
1.0 Amp Glass Passivated Super Fast Rectifiers High surge current capability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com