Electronic Components Datasheet Search
  English  ▼

X  

PE38295 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE38295
Description  UMCX Plug to UMCX Plug Cable Using 1.13mm Coax
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE38295 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE38295 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE38295 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE38295 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Connector 2
Type
UMCX Plug Right Angle
Configuration
RightAngle
Inner Conductor Material and Plating
Phosphor Bronze, Gold
Body Material and Plating
Phosphor Bronze, Gold
Dielectric Type
PBT
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
UMCX Plug to UMCX Plug Cable Using 1.13mm Coax from Pasternack Enterprises has same day shipment for domestic
andInternationalorders.OurRF,microwaveandfiberopticproductsmaintaina99%availabilityandarepartofthebroadest
selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: UMCX Plug to UMCX Plug Cable Using 1.13mm Coax PE38295
URL: http://www.pasternack.com/umcx-plug-umcx-plug-1.13mm-cable-assembly-pe38295-p.aspx
PE38295 REV
PE38295
UMCX Plug to UMCX Plug Cable Using 1.13mm Coax



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com