Electronic Components Datasheet Search
  English  ▼

X  

SM5819 Datasheet(PDF) 1 Page - First Components International

Part # SM5819
Description  1.0 Amp SCHOTTKY BARRIER RECTIFIERS LOW LEAKAGE CURRENT.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SM5819 Datasheet(HTML) 1 Page - First Components International

  SM5819 Datasheet HTML 1Page - First Components International SM5819 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES:
MECHANICAL DATA:
■ PLASTIC PACKAGE HAS UNDERWRITES LABORTORY
■
CASE:MOLDED PLASTIC CASE
■
FLAMMABILITY CLASSIFICATION 94V-0 UTILIZING.
■
TERMINAL:SOLDERABLE END,PER-MIL-STD-750,
■
FLAME RETARDANT EPOXY MOLDING COMPOUND.
METHOD 2026
■
FOR SURFACE MOUNT APPLICATIONS.
■
MOUNTING POSITION:ANY
■
EXCEEDS ENVIROMENTAL STANDARDS OF MIL-S-19500/228 ■ WEIGHT:0.15GRAM
■
LOW LEAKAGE CURRENT.
MAXIMUM RATING (TA=25C UNLESS OTHERWISE NOTED)
SM5817
SM5818
SM5819
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
MAX. REPETITIVE REVERSE VOLTAGE
Vrrm
20
30
40
V
MAX. RMS VOLTAGE
Vrms
14
21
28
V
MAX. DC BLOCKING VOLTAGE
Vdc
20
30
40
V
MAX.INSTANTANEOUS FORWARD VOL.@1A
VF
0.45
0.55
0.60
V
FORWARD RECTIFIED CURRENT @ TL=50C
Io
1.0
A
FORWARD SURGE CURRENT @ 8.3ms single half sine wave
superimposed on rated load (JEDEC)
IFSM
25A
A
mA
REVERSE CURRENT @ VR=Vrrm, Ta=25C
VR=Vrrm, Ta=100C
IR
1. 0
10.0
mA
THERMAL RESISTANT Junction to ambient
RTHJA
75
C/W
JUNCTION CAPACITANCE @ F=1MFz, 4VDC reverse V
CJ
80
PF
OPERATING TEMP.
TJ
-55 to +125
C
MELF(Plastic)
Description
Mechanical Dimensions
Data Sheet
1.0 Amp SCHOTTKY
BARRIER RECTIFIERS
Dimensions in inches
and (millimeters)
0.022/0.018
(0.56/0.46)
0.205/0.185
(5.2/4.7)
0.105/0.095
(2.67/2.41)


Similar Part No. - SM5819

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SM5819 RECTRON-SM5819 Datasheet
191Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
logo
Bytes
SM5819 BYTES-SM5819 Datasheet
147Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Dc Components
SM5819 DCCOM-SM5819 Datasheet
399Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SM5819 FORMOSA-SM5819 Datasheet
66Kb / 2P
Silicon epitaxial planer type
logo
Diotec Semiconductor
SM5819 DIOTEC-SM5819 Datasheet
169Kb / 2P
Surface Mount Schottky-Rectifiers
More results

Similar Description - SM5819

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SR160S ETC1-SR160S Datasheet
53Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SDBS12 TSC-SDBS12 Datasheet
101Kb / 2P
1.0 AMP. Schottky Barrier Rectifiers
SR102 TSC-SR102_10 Datasheet
527Kb / 2P
1.0 AMP. Schottky Barrier Rectifiers
logo
Nanjing International G...
SB120 DGNJDZ-SB120 Datasheet
262Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR220 DGNJDZ-SR220 Datasheet
178Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR1100-1A-DO-41 DGNJDZ-SR1100-1A-DO-41 Datasheet
318Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
1N5817-1A-DO-41 DGNJDZ-1N5817-1A-DO-41 Datasheet
206Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR220-2A-DO-41 DGNJDZ-SR220-2A-DO-41 Datasheet
212Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR250-2A-DO-41 DGNJDZ-SR250-2A-DO-41 Datasheet
212Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR1150.1A-DO-41 DGNJDZ-SR1150.1A-DO-41 Datasheet
318Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com