Electronic Components Datasheet Search
  English  ▼

X  

1812R-151J Datasheet(PDF) 1 Page - API Delevan

Part # 1812R-151J
Description  Unshielded Surface Mount Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

1812R-151J Datasheet(HTML) 1 Page - API Delevan

  1812R-151J Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
SERIES
1812R
1812
Unshielded Surface Mount Inductors
Physical Parameters
Inches
Millimeters
A
0.166 to 0.190
4.22 to 4.83
B
0.118 to 0.134
3.00 to 3.40
C
0.118 to 0.134
3.00 to 3.40
D
0.015 Min.
0.38 Min.
E
0.054 to 0.078
1.37 to 1.98
F
0.118 (Ref. only)
3.00 (Ref. only)
G
0.066 (Ref. only)
1.68 (Ref. only)
Dimensions “A” and “C” are over terminals
Operating Temperature Range –55°C to +125°C
Current Rating at 90°C Ambient 35°C Rise
Maximum Power Dissipation at 90°C
Iron and Ferrite: 0.278 W
Phenolic: 0.210 W
* Note Self Resonant Frequency (SRF) values are
calculated and for reference only.
Marking API/SMD; inductance with units and tolerance;
date code (YYWWL). Note: An R before the date code
indicates a RoHS component.
Example: 1812R-105J
API/SMD
1mH±5%
R 0629A
Packaging Tape & reel (12mm): 7" reel, 650 pieces max.;
13" reel, 2500 pieces max.
Made In the U.S.A.
SERIES 1812 PHENOLIC CORE
-100M
-120M
-150M
-180M
-220M
-270M
-330M
-390M
-470M
-560M
-680M
-820M
SERIES 1812 IRON CORE
-101K
-121K
-151K
-181K
-221K
-271K
-331K
-391K
-471K
-561K
-681K
-821K
SERIES 1812 FERRITE CORE
-102J
-122J
-152J
-182J
-222J
-272J
-332J
-392J
-472J
-562J
-682J
-822J
-103J
-123J
-153J
-183J
-223J
-273J
-333J
-393J
-473J
-563J
-683J
-823J
-104J
-124J
-154J
-184J
-224J
-274J
-334J
-394J
-474J
-564J
-684J
-824J
-105J
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
Optional Tolerances:
J = 5% H = 3% G = 2% F = 1%
*Complete part # must include series # PLUS the dash #
For surface finish information,
refer to www.delevanfinishes.com
1230
1230
1230
1230
1230
1000
1000
870
870
770
770
700
818
818
818
757
708
668
604
535
501
409
379
354
634
604
578
556
535
517
501
472
448
427
409
375
354
317
283
268
250
236
224
211
200
191
183
169
158
158
149
145
142
129
120
100
88
82
82
67
55
0.10
0.10
0.10
0.10
0.10
0.15
0.15
0.20
0.20
0.25
0.25
0.25
0.30
0.30
0.30
0.35
0.40
0.45
0.55
0.70
0.80
1.20
1.40
1.60
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.90
1.00
1.10
1.20
1.40
1.60
2.00
2.50
2.80
3.20
3.60
4.00
4.50
5.00
5.50
6.00
7.00
8.00
8.0
9.0
9.5
10.0
12.0
14.0
20.0
26.0
30.0
30.0
45.0
60.0
1000*
1000*
1000*
1000*
1000*
1000*
1000*
1000*
1000*
850*
750*
750*
650
600
500
400
350
300
250
220
190
170
150
140
100
80
70
60
55
50
45
40
35
33
27
25
20
18
17
15
13
12
11
10
10
9
9
8
8
6
6
5
4
4
3.5
3.0
3.0
3.0
3.0
2.5
2.5
50
50
50
50
50
50
50
50
50
50
50
50
25
25
25
25
25
25
25
25
25
25
25
25
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
40
40
40
40
40
40
40
30
30
30
25
25
30
30
30
30
30
30
30
30
30
30
30
30
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
40
40
40
40
40
40
40
40
30
30
30
30
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
0.010
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
1/2009
API_newlayouts_single:APIcatalog_newlayouts 6/28/11 11:42 AM Page 25


Similar Part No. - 1812R-151J

ManufacturerPart #DatasheetDescription
logo
API Delevan
1812R-151K API-1812R-151K Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
More results

Similar Description - 1812R-151J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1008-018M ETC1-1008-018M Datasheet
28Kb / 1P
Unshielded Surface Mount Inductors
1330-94K ETC1-1330-94K Datasheet
38Kb / 1P
Unshielded Surface Mount Inductors
1812-100M ETC1-1812-100M Datasheet
60Kb / 2P
Unshielded Surface Mount Inductors
logo
API Delevan
MIL1330-94K API-MIL1330-94K Datasheet
44Kb / 1P
Unshielded Surface Mount Inductors
1008R API-1008R Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
1330R API-1330R Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
2510R API-2510R Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
HF1008R API-HF1008R Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
MIL1330 API-MIL1330_10 Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
2510-22F API-2510-22F Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com