Electronic Components Datasheet Search
  English  ▼

X  

PDB184 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PDB184
Description  17 mm Rotary Potentiometer w/Rotary Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PDB184 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PDB184 Datasheet HTML 1Page - Bourns Electronic Solutions PDB184 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3
1
2
C
A
B
0.75
(.030)
M7 X
0.75
(.030)
M7 X
0.5
(.020)
NUT
WASHER
T =
7.2
(.283)
DIA.
MOUNTING
SURFACE
4.0 ± 0.3
(.157 ± .012)
R2=SW
5.5 ± 0.3
(.217 ± .012)
2.0 ± 0.3
(.079 ± .012)
5.0 ± 0.3
(.197 ± .012)
5.0 ± 0.3
(.197 ± .012)
10.0 ± 0.5
(.394 ± .020)
12.0 ± 0.5
(.472 ± .020)
4.0 ± 0.3
(.157 ± .012)
5.0 ± 0.3
(.197 ± .012)
5.0 ± 0.3
(.197 ± .012)
5.0 ± 0.3
(.197 ± .012)
1.2 ± 0.3
(.047 ± .012)
DIA.
6 PLCS.
2.0 ± 0.3
(.079 ± .012)
1.0 ± 0.3
(.039 ± .012)
6.0 ± 0.3
(.236 ± .012)
DIA.
A
11.7 ± 0.5
(.461 ± .020)
L
6.5 ± 0.3
(.256 ± .012)
2.8 ± 0.3
(.110 ± .012)
12.5 ± 0.5
(.492 ± .020)
4.0 ± 0.3
(.157 ± .012)
1.2 ± 0.3
(.047 ± .012)
7.8 ± 0.3
(.307 ± .012)
30 °
FULL CCW
17.0 ± 0.5
(.669 ± .020)
Features
■ PC pin or solder lug terminals
■ Rotary switch option
■ Metal shaft styles
■ Carbon element
■ Audio, linear, and reverse audio tapers
■ RoHS compliant*
PDB184 - 17 mm Rotary Potentiometer w/Rotary Switch
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Taper.................................... Linear, audio
Standard Resistance Range
....................... 1 K ohms to 1 M ohms
Standard Resistance Tolerance.....±20 %
Residual Resistance ................. 1 % max.
Environmental Characteristics
Operating Temperature
.................................-10 °C to +50 °C
Power Rating
Linear .................................0.125 watt
Audio....................................0.06 watt
Maximum Operating Voltage
Linear ........................................ 200 V
Audio......................................... 150 V
Sliding Noise ........................ 47 mV max.
Mechanical Characteristics
Mechanical Angle .....................300 ° ±5 °
Rotational Torque ............ 30 to 100 g-cm
Stop Strength ..................... 5 kg-cm min.
Rotational Life ................... 15,000 cycles
Switch Life......................... 15,000 cycles
Switch Type .................................... SPDT
Switching Angle........................50 ° max.
Soldering Condition
........... 260 °C max. within 3 seconds
Hardware ................. One flat washer and
mounting nut supplied per
potentiometer with bushing
Derating Curve
Ambient Temperature (°C)
20
40 50 60 70
80 90 100
30
10
0
20
33
40
60
80
100
0
Product Dimensions
PDB184-K
DIMENSIONS:
MM
(INCHES)
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
500,000
504
1,000,000
105
3
12
C
AB
Schematic
L
20
(.787)
25
(.984)
30
(1.181)
A
12
(.472)
14
(.551)
12
(.472)


Similar Part No. - PDB184

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDB18 BOURNS-PDB18 Datasheet
522Kb / 5P
17 mm Rotary Potentiometer
PDB18 BOURNS-PDB18 Datasheet
583Kb / 5P
17 mm Rotary Potentiometer
PDB181-A218P-103A1 BOURNS-PDB181-A218P-103A1 Datasheet
583Kb / 5P
17 mm Rotary Potentiometer
PDB181-A220P-103A1 BOURNS-PDB181-A220P-103A1 Datasheet
583Kb / 5P
17 mm Rotary Potentiometer
PDB181-A225P-103A1 BOURNS-PDB181-A225P-103A1 Datasheet
583Kb / 5P
17 mm Rotary Potentiometer
More results

Similar Description - PDB184

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDA17 BOURNS-PDA17 Datasheet
266Kb / 3P
17 mm Rotary Potentiometer
PTR90 BOURNS-PTR90 Datasheet
391Kb / 3P
9 mm Multi-Ganged Potentiometer w/Rotary Switch
PDB18 BOURNS-PDB18 Datasheet
522Kb / 5P
17 mm Rotary Potentiometer
PDB183 BOURNS-PDB183 Datasheet
362Kb / 3P
17 mm Rotary Potentiometer w/Push-Pull Switch
PTR90 BOURNS-PTR90_14 Datasheet
426Kb / 3P
9 mm Multi-Ganged Potentiometer w/Rotary Switch
PDB12 BOURNS-PDB12 Datasheet
220Kb / 2P
12 mm Rotary Potentiometer
PDB18 BOURNS-PDB18_13 Datasheet
583Kb / 5P
17 mm Rotary Potentiometer
logo
Productwell Precision E...
R09A11H21 PRODUCTWELL-R09A11H21_14 Datasheet
334Kb / 2P
ROTARY POTENTIOMETER
R10A1MH01 PRODUCTWELL-R10A1MH01_14 Datasheet
250Kb / 2P
ROTARY POTENTIOMETER
R10A12V01 PRODUCTWELL-R10A12V01_14 Datasheet
270Kb / 2P
ROTARY POTENTIOMETER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com