Electronic Components Datasheet Search
  English  ▼

X  

TIP29A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TIP29A
Description  High Power Bipolar Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TIP29A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TIP29A Datasheet HTML 1Page - List of Unclassifed Manufacturers TIP29A Datasheet HTML 2Page - List of Unclassifed Manufacturers TIP29A Datasheet HTML 3Page - List of Unclassifed Manufacturers TIP29A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
High Power Bipolar Transistors
Tip Series
Page <3>
16/06/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Characteristic
Symbol
Minimum
Maximum
Unit
Dynamic Characteristics
Current Gain-Bandwidth Product (2)
(IC = 200 mA, VCE = 10 V, f = 1 MHz)
fT
3
-
MHz
Small Signal Current Gain
(IC = 200 mA, VCE = 10 V, f = 1 kHz)
hfe
20
-
-
(1) Pulse Test: Pulse Width
≤300 µs, Duty Cycle ≤2%
(2) fT = | hFE | • fTest
Figure - 2 Turn-On Time
IC, Collector Current (A)
Figure - 3 Switching Time Equivalent Circuit
RB and RC Varied to Obtain Desired Current Levels
Figure - 4 DC Current Gain
IC, Collector Current (A)
Figure - 5 Turn-Off Time
IC, Collector Current (A)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com