Electronic Components Datasheet Search
  English  ▼

X  

PES12 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PES12
Description  12 mm Shaftless Encoder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PES12 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PES12 Datasheet HTML 1Page - Bourns Electronic Solutions PES12 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
13.2
(.520)
12.4
(.488)
14.0
(.551)
1.1 +0.2/-0
(.043 +.008/-0)
DIA.
3 PLCS.
MOUNTING
SURFACE
0.8
(.031)
6.6 +0.2/-0.1
(.260 +.008/-.004)
0.6
(.024)
2.0 +0.1/-0
(.079 +.004/-0)
2.0 +0.1/-0
(.079 +.004/-0)
HOLE
DIA.
2.65
(.104)
3.5
(.138)
1.2
(.047)
2.1 +0.1/-0
(.083 +.004/-0)
2.0 ± 0.1
(.079 ± .004)
2.1 ± 0.05
(.083 ± .002)
7.5
(.295)
13.2
(.520)
10.2
(.402)
5.2
(.205)
6.0 ± 0.1
(.236 ± .004)
DIA.
DIA.
3.1 ± 0.1
(.122 ± .004)
8.2
(.323)
5.0
(.197)
B
C
A
B
C
A
5.0
(.197)
0.9 ± 0.1
(.035 ± .004)
TOLERANCES:
=
10.0
( .394)
8.5
(.335)
5.0
(.197)
3.5
(.138)
<
<
±0.3
(±.012)
=
>10.0
(>.394)
±0.5
(±.020)
REV. 01/13
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PES12 - 12 mm Shaftless Encoder
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Applications
■ Audio-visual equipment
■ Consumer electric appliances
■ Radios
■ Musical instrumentation
■ Communications equipment
■ Home appliances



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com