Electronic Components Datasheet Search
  English  ▼

X  

PRM16 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PRM16
Description  16 mm Motorized Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PRM16 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PRM16 Datasheet HTML 1Page - Bourns Electronic Solutions PRM16 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
R2 R1
AB
18.2
(.717)
MOUNTING
SURFACE
2.6
(.102)
1.2 + 0.2/-0
(.047 + .008/-0)
2 PLCS.
X
10.0
(.394)
±0.3
(±.012)
TOLERANCES UNLESS OTHERWISE NOTED:
MM
(IN)
DIMENSIONS:
<
=
1.2 + 0.2/-0
(.047 + .008/-0)
6 PLCS.
DIA.
0.75
(.030)
M7 X
KNURL
18
TEETH
C1
5.0
(.197)
3.8
(.150)
1.0 ± 0.15
(.039 ± .006)
7.0
(.276)
2.0
(0.79)
15.0
(.591)
7.0
(.276)
20.0
(.787)
11.0
(.433)
3.25
(.128)
7.5 ± 0.2
(.295 ± .008)
0.3
(.012)
1.5
(.059)
3.55
(.140)
11.6
(.457)
15.1
(.594)
18.1
(.713)
1.0
(.039)
4.0
(.157)
1.0
(.039)
12.0
(.472)
48.35
(1.904)
16.8
(.661)
22.7
(.894)
12
3
5.0
(.197)
5.0
(.197)
7.0
(.276)
4.0
(.157)
1.4
(.055)
3.0 +0/-0.1
(.118 +0/-.004)
6.0
(.236)
1.0
(.039)
0.3
(.012)
24.4
(.961)
11.5
(.453)
16.0
(.630)
12.5
(.492)
1.9
(.075)
B
12.0
(.472)
17.0
(.669)
6.4
(.252)
DIA.
DIA.
DIA.
10.0
(.394)
±0.5
(±.020)
>
=
25.0
(.984)
14.0
(.551)
30.0
(1.181)
14.0
(.551)
Features
■ Remote controllable
■ Suitable for both motorized and manual
operation
■ Dual section
■ Smooth manual operating feel
■ Various taper options
■ RoHS compliant*
PRM16 Series - 16 mm Motorized Potentiometer
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Taper...............................................................................................................Linear, audio
Standard Resistance Range......................................................... 1K ohms to 1 megohm
Standard Resistance Tolerance............................................................................... ±20 %
Power Rating
B3 Taper........................................................................................................... 0.1 watt
Other Tapers .................................................................................................. 0.05 watt
Maximum Operating Voltage................................................................................. 150 Vac
Attenuation
R
≥100K ohms ............................................................................................100 dB min.
100K ohms>R
≥50K ohms............................................................................90 dB min.
50K ohms>R
≥10K ohms..............................................................................80 dB min.
10K ohms>R
≥5K ohms................................................................................70 dB min.
5K ohms>R
≥1K ohms..................................................................................60 dB min.
1K ohms>R
≥500 ohms ................................................................................50 dB min.
Voltage Proof ................................................................................... 500 VDC for 1 minute
Motor Voltage .......................................................................................................4.5 VDC
Motor Current (@ 4.5 VDC) ............................................................................100 mA max.
Environmental Characteristics
Operating Temperature Range ................................................................ -10 °C to +70 °C
Sliding Noise ................................................................................................... 47 mV max.
Mechanical Characteristics
Mechanical Angle ............................................................................................... 300 ° ±5 °
Rotational Speed........................................................................................ 12 ±3 seconds
Rotational Torque .................................................................................... 150 to 450 g-cm
Stop Strength ...............................................................................................9 kg-cm max.
Push-pull Strength................................................................... 10 kg max. for 10 seconds
Rotational Life ..............................................................................................15,000 cycles
Soldering Condition........................ 260 °C within 5 seconds or 300 °C within 3 seconds
Hardware ....One flat washer and mounting nut supplied per potentiometer with bushing
Product Dimensions
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
500,000
504
1,000,000
105


Similar Part No. - PRM16

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
PRM1-100-F RCD-PRM1-100-F Datasheet
60Kb / 1P
PULSE RESISTORS, SURFACE MOUNT
PRM1-100-G RCD-PRM1-100-G Datasheet
60Kb / 1P
PULSE RESISTORS, SURFACE MOUNT
PRM1-100-J RCD-PRM1-100-J Datasheet
60Kb / 1P
PULSE RESISTORS, SURFACE MOUNT
PRM1-100-K RCD-PRM1-100-K Datasheet
60Kb / 1P
PULSE RESISTORS, SURFACE MOUNT
PRM1-1000-F RCD-PRM1-1000-F Datasheet
60Kb / 1P
PULSE RESISTORS, SURFACE MOUNT
More results

Similar Description - PRM16

ManufacturerPart #DatasheetDescription
logo
ebm-papst
R2S133-AB25-22 EBMPAPST-R2S133-AB25-22 Datasheet
339Kb / 1P
MOTORIZED IMPELLER
R2E225-BE51-09 EBMPAPST-R2E225-BE51-09 Datasheet
241Kb / 1P
MOTORIZED IMPELLER
R4S190-AA16-18 EBMPAPST-R4S190-AA16-18 Datasheet
243Kb / 1P
MOTORIZED IMPELLER
RER160-2806S EBMPAPST-RER160-2806S Datasheet
361Kb / 1P
MOTORIZED IMPELLER
RH35M-6204698 EBMPAPST-RH35M-6204698 Datasheet
306Kb / 1P
MOTORIZED IMPELLER
logo
Bourns Electronic Solut...
PSM01-082A-103B2 BOURNS-PSM01-082A-103B2 Datasheet
368Kb / 3P
PSM Series Motorized Slide Potentiometer
logo
ORION FANS
OAB190-11-1 ORIONFANS-OAB190-11-1_15 Datasheet
93Kb / 1P
Motorized Impeller
logo
ebm-papst
R2E133 EBMPAPST-R2E133 Datasheet
339Kb / 1P
Motorized Impeller
logo
Bourns Electronic Solut...
PSP BOURNS-PSP Datasheet
464Kb / 2P
Motorized Master Slide Potentiometer
SMLJ12A-Q BOURNS-SMLJ12A-Q Datasheet
838Kb / 3P
Motorized Master Slide Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com