Electronic Components Datasheet Search
  English  ▼

X  

PTP90 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PTP90
Description  PTP90 Series Panel Control w/Push Latching Shaft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTP90 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PTP90 Datasheet HTML 1Page - Bourns Electronic Solutions PTP90 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
9.5
(0.374)
0.9 ± 0.1
(0.035 ± 0.004)
XX
Y
SHAFT SLOT
IS OPTIONAL
ANGLE
Y
12
3
3.5
(0.138)
4.85
(0.191)
6.5 ± 0.5
(0.256 ± 0.002)
2.0 ± 0.1
(0.079 ± 0.004)
Y
Y
XX
0.8 ± 0.2
(0.315 ± 0.008)
6.0 ± 0.2
(0.236 ± 0.008)
5.0
(0.197)
2.5
(0.098)
5.0
(0.197)
1.0 +0.1/-0
(0.039 +0.004/-0)
DIA.
MOUNTING
SURFACE
6 PLCS.
30.0 ± 0.8
(1.181 ± 0.031)
10.0
(0.394)
23.25
(0.915)
0.8 ± 0.2
(0.031 ± 0.002)
0.5
(0.020)
10.7
(0.421)
7.0
(0.276)
6.0
(0.236)
DIA.
C1
R2 R1
0.75
0.030
M7 x
1.0 ± 0.1
(0.039 ± 0.004)
9.0 ± 0.5
(0.354 ± 0.020)
PUSH TRAVEL
8.0
(0.315)
PUSH LATCH TRAVEL
6.0
(0.236)
Features
■ Carbon element
■ Assortment of resistance tapers
■ Push latching shaft
■ Flatted, knurled and slotted shaft styles
■ Center detent option
PTP90 Series Panel Control w/Push Latching Shaft
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Standard Resistance Range
........................1K ohms to 1 megohm
Standard Resistance Tolerance
R < 250K ohms .........................±20 %
R ≥ 250K ohms .........................±30 %
End Resistance
R < 50K ohms .............. 30 ohms max.
R ≥ 50K ohms ......... 0.1 % of TR max.
Insulation Resistance @ 250 VDC
............................. 100 megohms min.
Dielectric Withstanding Voltage
..............................................300 VAC
Tracking Error (-40 dB to 0 dB) .....±3 dB
Standard Taper .................. Linear, Audio
Power Rating
Linear ................................... 0.05 watt
Audio .................................. 0.025 watt
Slider Noise .......................100 mV max.
Operating Voltage....... 50 VAC / 10 VDC
Environmental Characteristics
Operational Life ................ 15,000 cycles
TR Shift .....................................±15 %
Operating Temperature Range
..................................-10 °C to +55 °C
Resistance to Solder Heat..............±5 %
IP Rating.........................................IP 40
Mechanical Characteristics
Mechanical Angle ..................310 ° max.
Operating Torque..............20~250 gf-cm
Stop Strength.................... 4 kgf-cm min.
Mounting Torque............ 10 kgf-cm max.
Shaft Push Latch Force ..........40~500 gf
Push Latch Operating Life
...................................... 10,000 cycles
Soldering Condition
Manual ........... 300 °C ±5 °C for 3 sec.
Wave .............. 260 °C ±5 °C for 5 sec.
Wash ..................... Not recommended
Hardware ................One flat washer and
one mounting nut supplied with
each potentiometer
Product Dimensions
(Shown with Knurled Shaft)
DIMENSIONS:
MM
(INCHES)
Mounting Hole Detail
Locating Lug Detail
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
500,000
504
1,000,000
105
M7 x
WASHER
NUT
2.0
(.079)
0.5
(.020)
DIA.
7.2
(.283)
DIA.
11.0
(.433)
DIA.
12.7
(.500)
0.75
(.030)
DIA.
12.0
(.472)
Hardware


Similar Part No. - PTP90

ManufacturerPart #DatasheetDescription
logo
BROTHER INTERNATIONAL. ...
PTP900 BROTHER-PTP900 Datasheet
4Mb / 3P
Professional Network Label Printer Range
More results

Similar Description - PTP90

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
FMS006Z-2000-0 YAMAICHI-FMS006Z-2000-0 Datasheet
128Kb / 1P
SIM Card Reader (Push / Push, Std. Type w. and w/o Switch)
logo
CW Industries
GCL-536A-0100 CWIND-GCL-536A-0100 Datasheet
506Kb / 1P
S,P,D,T PUSH BUTTON LATCHING SWITHCH
logo
Bourns Electronic Solut...
PTH90 BOURNS-PTH90 Datasheet
345Kb / 2P
PTH90 Series Dual Concentric Shaft Panel Control w/Rotary Switch
PTJ90 BOURNS-PTJ90 Datasheet
308Kb / 2P
PTJ90 Series Dual Concentric Shaft Panel Control w/Push-Push Switch
PTM90 BOURNS-PTM90 Datasheet
340Kb / 2P
PTM90 Series Panel Control w/Push-Push Switch
PTF01-152A-102B1 BOURNS-PTF01-152A-102B1 Datasheet
204Kb / 3P
Panel Control
54AAD-C28-B15 BOURNS-54AAD-C28-B15 Datasheet
356Kb / 4P
Panel Control w/Push-Pull Switch
56AAD-C28-B15 BOURNS-56AAD-C28-B15 Datasheet
318Kb / 4P
Sealed 1/2 (12.5 mm) Panel Control w/Rotary Switch
PDB185-GTR BOURNS-PDB185-GTR Datasheet
665Kb / 4P
17 mm Guitar Potentiometer w/Latching-Push Switch
logo
CTS Corporation
12VR CTS-12VR Datasheet
847Kb / 7P
12mm Panel Potentiometer w/Illuminated Shaft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com