Electronic Components Datasheet Search
  English  ▼

X  

945GSE Datasheet(PDF) 2 Page - Intel Corporation

Part # 945GSE
Description  Mobile Intel짰 945GSE Express Chipset for Embedded Computing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

945GSE Datasheet(HTML) 2 Page - Intel Corporation

  945GSE Datasheet HTML 1Page - Intel Corporation 945GSE Datasheet HTML 2Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
•Advancedpackagingtechnologyandindustry-leading
electrical design innovations deliver long-term system
reliability over a broad spectrum of operating conditions
•Embeddedlifecyclesupportenablesextendedproduct
availability for embedded and communications customers,
protecting system investment
•Alongwithastrongecosystemofhardwareandsoftware
vendors, including members of the Intel® Embedded and
Communications Alliance (intel.com/go/eca), Intel helps
developers cost-effectively meet design challenges and
speed time-to-market
Mobile Intel® 945GSE Express Chipset for Embedded Computing
Product
Product Code
Package
Features
Intel® 82945GSE Graphics
Memory Controller Hub
QG82945GSE
998 µFC-BGA
533 MHz front-side bus; Up to 2 GB of 400/533 MHz DDR2 system memory
(SODIMM and/or memory down); Intel® GMA 950
Intel® I/O Controller Hub 7-M (ICH7-M)
NH82801GBM
652 µ-BGA
Direct connection to GMCH via Direct Media Interface; Four PCI Express
root ports; Two-port Serial ATA controller; Up to eight USB 2.0 ports;
Intel®HighDefinitionAudio1 interface; PCI; IDE; LCI
Intel in Embedded and Communications: intel.com/go/embedded
∆
Intel processor numbers are not a measure of performance. Processor numbers differentiate features within each processor family, not across different processor families.
See http://www.intel.com/products/processor_number for details.
1
Intel®HighDefinitionAudiorequiresasystemwithanappropriateIntelchipsetandamotherboardwithanappropriatecodecandthenecessarydriversinstalled.Systemsoundqualitywillvarydependingonactual
implementation,controller,codec,driversandspeakers.FormoreinformationaboutIntel® HD audio, refer to http://www.intel.com/.
2
Intel®ActiveManagementTechnologyrequirestheplatformtohaveanIntel®AMT-enabledchipset,networkhardwareandsoftware,aswellasconnectionwithapowersourceandacorporatenetworkconnection.
Withregardtonotebooks,IntelAMTmaynotbeavailableorcertaincapabilitiesmaybelimitedoverahostOS-basedVPNorwhenconnectingwirelessly,onbatterypower,sleeping,hibernatingorpoweredoff.
Formoreinformation,seehttp://www.intel.com/technology/iamt.
INFORMATIONINTHISDOCUMENTISPROVIDEDINCONNECTIONWITHINTEL®PRODUCTS.NOLICENSE,EXPRESSORIMPLIED,BYESTOPPELOROTHERWISE,TOANYINTELLECTUALPROPERTY
RIGHTSISGRANTEDBYTHISDOCUMENT.EXCEPTASPROVIDEDININTEL’STERMSANDCONDITIONSOFSALEFORSUCHPRODUCTS,INTELASSUMESNOLIABILITYWHATSOEVER,ANDINTEL
DISCLAIMSANYEXPRESSORIMPLIEDWARRANTY,RELATINGTOSALEAND/ORUSEOFINTELPRODUCTSINCLUDINGLIABILITYORWARRANTIESRELATINGTOFITNESSFORAPARTICULARPURPOSE,
MERCHANTABILITY,ORINFRINGEMENTOFANYPATENT,COPYRIGHTOROTHERINTELLECTUALPROPERTYRIGHT.UNLESSOTHERWISEAGREEDINWRITINGBYINTEL,THEINTELPRODUCTSARENOT
DESIGNEDNORINTENDEDFORANYAPPLICATIONINWHICHTHEFAILUREOFTHEINTELPRODUCTCOULDCREATEASITUATIONWHEREPERSONALINJURYORDEATHMAYOCCUR.
Intelmaymakechangestospecificationsandproductdescriptionsatanytime,withoutnotice.Designersmustnotrelyontheabsenceorcharacteristicsofanyfeaturesorinstructions
marked“reserved”or“undefined.”Intelreservestheseforfuturedefinitionandshallhavenoresponsibilitywhatsoeverforconflictsorincompatibilitiesarisingfromfuturechangestothem.Theinformationhereissubjectto
changewithoutnotice.Donotfinalizeadesignwiththisinformation.Theproductsdescribedinthisdocumentmaycontaindesigndefectsorerrorsknownaserratawhichmaycause
theproducttodeviatefrompublishedspecifications.Currentcharacterizederrataareavailableonrequest.ContactyourlocalIntelsalesofficeoryourdistributortoobtainthelatest
specificationsandbeforeplacingyourproductorder.Copiesofdocumentswhichhaveanordernumberandarereferencedinthisdocument,orotherIntelliterature,maybeobtained
bycalling1-800-548-4725,orbyvisitingIntel’sWebSitewww.intel.com/.
Intel,theIntellogo,andAtomaretrademarksofIntelCorporationintheU.S.andothercountries.
Copyright©2010IntelCorporation.Allrightsreserved.
*Othernamesandbrandsmaybeclaimedasthepropertyofothers.
PrintedinUSA
0110/KSC/OCG/XX/PDF
PleaseRecycle
320217-002US
Intel®
82945 GSE
Graphics Memory
Controller Hub
Intel®
I/O Controller
Hub 7-M
VGA
TV-Out
IDE Interface
2 Serial ATA Ports
BIOS Support
10/100 LAN Controller
CODEC
Intel® Atom™ Processor N270∆
533 MHz FSB
Dual-Channel
LVDS Interface
Single-Channel 400/533 MHz
DDR2 (SODIMM and/or memory down)
4 PCI Express* Ports (4x1
or 1x4 configurations)
8 USB 2.0 Ports
DMI x2
SPI
6 PCI Bus Masters
Intel® High
Definition Audio
Intel® 82573E Gbit
Ethernet Controller
Intel® Active
Management Technology
Optional
Single-Channel SDVO
Product Highlights (continued)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com