Electronic Components Datasheet Search
  English  ▼

X  

SR830 Datasheet(PDF) 1 Page - First Components International

Part # SR830
Description  8.0 Amp SCHOTTKY BARRIER RECTIFIERS MEETS UL SPECIFICATION 94V-0
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SR830 Datasheet(HTML) 1 Page - First Components International

  SR830 Datasheet HTML 1Page - First Components International SR830 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
............................................. 8.0 ...............................................
............................................. 16 ...............................................
............................................. 120 ...............................................
............................................. 1.0 ...............................................
......................................... -65 to 150 ..........................................
......................................... -65 to 175 ..........................................
.........................................
.57
..........................................
.........................................
.72
..........................................
.........................................
.84
..........................................
............................................. 2.0 ...............................................
............................................. 15 ...............................................
............................................. 3.0 ...............................................
............................................. 60 ...............................................
Description
Features
Mechanical Dimensions
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
RWM
DC Blocking Voltage...V
DC
Page 7-12
30
35
40
45
30
35
40
45
30
35
40
45
Data Sheet
8.0 Amp SCHOTTKY
BARRIER RECTIFIERS
Units
Volts
Volts
Volts
Amps
Amps
Amps
Amps
°C
°C
Volts
Volts
Volts
mAmps
mAmps
°C / W
°C / W
n HIGH CURRENT CAPABILITY
WITH LOW V
F
n HIGH EFFICIENCY w/LOW POWER LOSS
n HIGH SURGE VOLTAGE AND
TRANSIENT PROTECTION
n MEETS UL SPECIFICATION 94V-0
Average Forward Rectified Current...I
o
T
c = 105°C
Repetitive Peak Forward Surge Current...I
FM
Non-Repetitive Peak Forward Surge Current...I
FSM
@ Rated Current & Temp
Repetitive Peak Reverse Surge Current...I
RSM
Sinosoidal Wave, 60Hz, 1 Cycle, T
J = 125°C
Operating Temperature Range...T
J
Storage Temperature Range...T
STRG
Maximum Forward Voltage...V
F
@ I
F = 8.0 Amps, TC = 125°C
@ I
F = 15 Amps,
T
C = 125°C
@ I
F = 15 Amps,
T
C = 25°C
Maximum DC Reverse Current...I
R
@ Rated DC Blocking Voltage
T
L = 25°C
T
L =125°C
Maximum Thermal Resistance...R
θJC
Maximum Thermal Resistance...R
θJA
JEDEC
T0-220AC
Electrical Characteristics
1
3
2
Case
K
BPC-S
SR830~845 Series
SR830
SR835
SR840
SR845


Similar Part No. - SR830

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SR830 RECTRON-SR830 Datasheet
25Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 8.0 Amperes)
logo
Bytes
SR830 BYTES-SR830 Datasheet
161Kb / 2P
8.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Lunsure Electr...
SR830 CHENYI-SR830 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Dc Components
SR830 DCCOM-SR830 Datasheet
481Kb / 2P
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SR830 FORMOSA-SR830 Datasheet
38Kb / 2P
8.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR830

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FBRF1520 FCI-FBRF1520 Datasheet
877Kb / 2P
15 Amp SCHOTTKY BARRIER RECTIFIERS MEETS UL SPECIFICATION 94V-0
SR520 FCI-SR520 Datasheet
129Kb / 1P
5.0 Amp SCHOTTKY BARRIER RECTIFIERS MEETS UL SPECIFICATION 94V-0
SR735 FCI-SR735 Datasheet
155Kb / 2P
7.5 Amp SCHOTTKY BARRIER RECTIFIERS MEETS UL SPECIFICATION 94V-0
logo
Goodwork Semiconductor ...
SRF8150 GWSEMI-SRF8150 Datasheet
71Kb / 2P
8.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
TT Electronics.
MOM TTELEC-MOM Datasheet
137Kb / 1P
coating meets ul-94v-0
logo
Nanjing International G...
SB860-8A-TO-220AC DGNJDZ-SB860-8A-TO-220AC Datasheet
379Kb / 2P
8.0 AMP SCHOTTKY BARRIER RECTIFIERS
SB8100-8A-TO-220AC DGNJDZ-SB8100-8A-TO-220AC Datasheet
379Kb / 2P
8.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR840-8A-TO-220AC DGNJDZ-SR840-8A-TO-220AC Datasheet
424Kb / 2P
8.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR850-8A-TO-220AC DGNJDZ-SR850-8A-TO-220AC Datasheet
424Kb / 2P
8.0 AMP SCHOTTKY BARRIER RECTIFIERS
SRF820 DGNJDZ-SRF820 Datasheet
482Kb / 2P
8.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com