Electronic Components Datasheet Search
  English  ▼

X  

SR140 Datasheet(PDF) 2 Page - First Components International

Part # SR140
Description  High surge current capability High current capability Low forward voltage drop
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SR140 Datasheet(HTML) 2 Page - First Components International

  SR140 Datasheet HTML 1Page - First Components International SR140 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (SR120THUR SR110)
FIG.1- FORWARD CURRENT DERATING CURVE
FIG.2- TYPICAL FORWARD CHARACTERISTICS
FIG.3- TYPICAL REVERSE CHARACTERISTICS
FIG.5- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.4- TYPICAL JUNCTION CAPACITANCE
0
25
50
75
100
125
150
175
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
0
20
40
60
80
100
120
140
1
2
4
6
8 10
20
40
100
60 80
0.1
0.4
1
4
10
40
0
0.25
0.50
0.75
1
0.1
1
10
20
0
10
40
30
50
10
20
40
60
100
80
200
400
100
10
1
0.1
0.01
0.001
LEAD TEMPERATURE. ( C)
o
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
REVERSE VOLTAGE. (V)
FORWARD VOLTAGE. (V)
NUMBER OF CYCLES AT 60Hz
Tj=100 C
0
Tj=25 C
0
SR15
0-SR16
0
SR12
0-SR14
0
Tj=75 C
0
Tj=25oC
Pulse Width=300 s
1% Duty Cycle
SR19
0-SR
110
0
SR12
0-SR16
0
SR190
-SR110
0
20
100
Data Sheet
1.0 Amp SCHOTTKY
RECTIFIERS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com