Electronic Components Datasheet Search
  English  ▼

X  

SR150 Datasheet(PDF) 1 Page - First Components International

Part # SR150
Description  High surge current capability High current capability Low forward voltage drop
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SR150 Datasheet(HTML) 1 Page - First Components International

  SR150 Datasheet HTML 1Page - First Components International SR150 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Cases: DO-41 molded plastic
Epoxy: UL 94V-O rate flame retardant
Lead: Axial leads, solderable per MIL-
STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SR
120
SR
130
SR
140
SR
150
SR
160
SR
190
SR
1100
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
90
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90
100
V
Maximum Average Forward Rectified Current
See Fig. 1
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
40
30
A
Maximum Instantaneous Forward Voltage @ 1.0A
VF
0.55
0.70
0.80
V
Maximum D.C. Reverse Current @ TA=25
℃
at Rated DC Blocking Voltage
@ TA=100
℃
IR
0.5
10
0.05
-
mA
mA
Typical Thermal Resistance (Note 1)
R
θJA
90
℃/W
Typical Junction Capacitance (Note 2)
Cj
80
65
28
pF
Operating Junction Temperature Range
TJ
- 65 to +125
-65 to +150
℃
Storage Temperature Range
TSTG
-65 to +150
℃
Notes: 1. Mount on Cu-Pad Size 5mm x 5mm on P.C.B.
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
260C/10sec/0.375"(9.5mm) lead lengths
at 5 lbs(2.3kg) tension
Weight:
0.33grams
DO-41
Data Sheet
1.0 Amp SCHOTTKY
RECTIFIERS
Description
Mechanical Dimensions


Similar Part No. - SR150

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR150 WTE-SR150 Datasheet
50Kb / 3P
1.0A SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SR150 RECTRON-SR150 Datasheet
282Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere)
logo
Bytes
SR150 BYTES-SR150 Datasheet
153Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Dc Components
SR150 DCCOM-SR150 Datasheet
432Kb / 2P
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SR150 FORMOSA-SR150 Datasheet
33Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR150

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
KBPC2505NW PFS-KBPC2505NW_1 Datasheet
215Kb / 2P
High forward surge current capability
KBPC25005W PFS-KBPC25005W_1 Datasheet
215Kb / 2P
High forward surge current capability
logo
DIOTEC Electronics Corp...
1N4001S DEC-1N4001S Datasheet
666Kb / 2P
High forward surge current capability
6A05 DEC-6A05 Datasheet
784Kb / 2P
High forward surge current capability
logo
Kersemi Electronic Co.,...
MBR30L60CT KERSEMI-MBR30L60CT Datasheet
869Kb / 2P
High current capability, low forward voltage drop
logo
Mospec Semiconductor
KBP005 MOSPEC-KBP005 Datasheet
184Kb / 2P
High forward surge current capability
KBU804 MOSPEC-KBU804 Datasheet
177Kb / 2P
High forward surge current capability
logo
Unisonic Technologies
MBR3150L-Z21D-R UTC-MBR3150L-Z21D-R Datasheet
134Kb / 3P
Low forward voltage drop, High Current Capability
logo
Micro Commercial Compon...
UD4KB05 MCC-UD4KB05 Datasheet
483Kb / 3P
High surge forward current capability
logo
Shanghai Leiditech Elec...
MUR105 LEIDITECH-MUR105 Datasheet
115Kb / 3P
High Surge Capability Low Forward Voltage Drop
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com