Electronic Components Datasheet Search
  English  ▼

X  

SR280 Datasheet(PDF) 1 Page - First Components International

Part # SR280
Description  2.0 Amp SCHOTTKY BARRIER RECTIFIERS High surge current capability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SR280 Datasheet(HTML) 1 Page - First Components International

  SR280 Datasheet HTML 1Page - First Components International SR280 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to +125 / -55 to +150
DO-15
SR220
SR240
SR280
SR260
80
60
40
56
42
28
80
60
40
2.0
0.5
15
50
150
UNIT
V
V
V
V
A
A
mA
oC
pF
20
14
20
SYBMOL
VRRM
VRMS
VDC
I(AV)
IR
CJ
TJ, TSTG
VF
IFSM
SR2100
100
70
100
0.7
0.85
0.5
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
At Rated DC Blocking Voltage @TJ=125
oC
Typical junction Capacitance (Note 1)
Operating Junction and Storage Temperature
TA=75
oC
Half sine-wave superimposed on rated load
(JEDEC Method)
@ 2.0 A
¬
Terminals: Solderable per MIL-STD-202
Features
¬
Low forward voltage drop
¬
High current capability
¬
Case: Molded plastic DO-15
¬
High surge current capability
¬
Weight: 0.4 gram
¬
Polarity:Color band denotes cathode end
method 208
¬
Mounting position: Any
¬
Epoxy: UL 94V-0 rate flame retardant
Mechanical Data
¬
High reliability
Range
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
Data Sheet
2.0 Amp SCHOTTKY
BARRIER RECTIFIERS
Electrical Characteristics
.230
.300
1.00 Min.
.031 typ.
.104
.140
JEDEC
D0-15
Mechanical Dimensions
Description


Similar Part No. - SR280

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SR280 JGD-SR280 Datasheet
144Kb / 2P
2.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Bytes
SR280 BYTES-SR280 Datasheet
153Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Dc Components
SR280 DCCOM-SR280 Datasheet
459Kb / 2P
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SR280 FORMOSA-SR280 Datasheet
33Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SR280 WTE-SR280 Datasheet
54Kb / 4P
2.0A SCHOTTKY BARRIER DIODE
More results

Similar Description - SR280

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
SR220 FCI-SR220 Datasheet
132Kb / 2P
2.0 Amp SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SR220 UNIOHM-SR220 Datasheet
65Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
MBR1035 TSC-MBR1035_12 Datasheet
257Kb / 3P
10.0 AMPS. Schottky Barrier Rectifiers High surge capability
MBR1535CT TSC-MBR1535CT_13 Datasheet
236Kb / 3P
15.0 AMPS. Schottky Barrier Rectifiers High surge capability
MBR1635 TSC-MBR1635_13 Datasheet
251Kb / 3P
16.0 AMPS. Schottky Barrier Rectifiers High surge capability
MBR4035PT TSC-MBR4035PT_13 Datasheet
253Kb / 3P
40.0AMPS. Schottky Barrier Rectifiers High surge capability
MBR6035PT TSC-MBR6035PT_13 Datasheet
251Kb / 3P
60.0AMPS. Schottky Barrier Rectifiers High surge capability
SRA1020 TSC-SRA1020_13 Datasheet
245Kb / 3P
10.0AMPS. Schottky Barrier Rectifiers High surge current capability
logo
First Components Intern...
KBP200 FCI-KBP200_1 Datasheet
183Kb / 2P
2.0 Amp SINGLE PHASE SILICON BRIDGE High surge current capability
logo
Goodwork Semiconductor ...
SR2150 GWSEMI-SR2150 Datasheet
63Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com