Electronic Components Datasheet Search
  English  ▼

X  

SS35A Datasheet(PDF) 1 Page - First Components International

Part # SS35A
Description  3.0 Amp SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SS35A Datasheet(HTML) 1 Page - First Components International

  SS35A Datasheet HTML 1Page - First Components International SS35A Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Mechanical Dimensions
Electrical Characteristics @ 25oC.
Maximum Ratings
Average Forward Rectified Current...I
F(av)
Non-Repetitive Peak Forward Surge Current...I
FSM
Forward Voltage...V
F (Note 2)
DC Reverse Current...I
R
@ Rated DC Blocking Voltage
T
C = 25°C
T
C =100°C
Typical Junction Capacitance...C
J(Note1)
Typical Thermal Resistance...R
θJL
Operating Temperature Range...T
J
Storage Temperature Range...T
STRG
Data Sheet
3.0 Amp SURFACE MOUNT
SCHOTTKY BARRIER
RECTIFIERS
Units
Volts
Volts
Volts
Volts
n EXTREMELY LOW V
F
n LOW STORED CHARGE
n LOW POWER LOSS – HIGH EFFICIENCY
n MAJORITY CARRIER CONDUCTION
n MEETS UL SPECIFICATION 94V-0
............................................. 3.0 ...............................................
............................................. 80 ...............................................
............................................. 0.5 ...............................................
............................................. 20 ...............................................
Amps
Amps
Volts
mAmps
mAmps
pF
°C / W
°C
°C
20
30
40
60
20
30
40
60
20
30
40
60
14
21
28
42
Peak Repetitive Reverse Voltage...V
RRM
Working Peak Reverse Voltage...V
RWM
DC Blocking Voltage...V
DC
RMS Reverse Voltage...V
R(rms)
.50
.55
.55
.75
........................................... 250 .. .........................................
............................................. 80 ...............................................
.......................................-65 to 125 ....................................
......................................-65 to 125 ......................................
Description
DO-214AC
(SMA)
SS32A...SS36A Series
60
40
20
30
Page 1


Similar Part No. - SS35A

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
SS35A TAITRON-SS35A Datasheet
202Kb / 4P
3.0A Surface Mount Schottky Rectifier
logo
Diotech Company.
SS35A DIOTECH-SS35A Datasheet
690Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
SS35A YANGJIE-SS35A Datasheet
174Kb / 2P
Schottky Rectifier
logo
Tiger Electronic Co.,Lt...
SS35A TGS-SS35A Datasheet
678Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Frontier Electronics.
SS35A FRONTIER-SS35A Datasheet
126Kb / 2P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS35A

ManufacturerPart #DatasheetDescription
logo
Bytes
SM5820B BYTES-SM5820B Datasheet
151Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SK32 DGNJDZ-SK32 Datasheet
94Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS36-60V-DO-214AB DGNJDZ-SS36-60V-DO-214AB Datasheet
254Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS36A-60V-SMAF DGNJDZ-SS36A-60V-SMAF Datasheet
311Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS310-100V-DO-214AB DGNJDZ-SS310-100V-DO-214AB Datasheet
254Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS310A-100V-SMAF DGNJDZ-SS310A-100V-SMAF Datasheet
311Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS310F-100V-SMAF DGNJDZ-SS310F-100V-SMAF Datasheet
319Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS320-200V-DO-214AB DGNJDZ-SS320-200V-DO-214AB Datasheet
254Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Yixinwei Techn...
K32 YIXIN-K32 Datasheet
183Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Bytesonic Electronics C...
SK32 BYTESONIC-SK32 Datasheet
190Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Version 1.3 2019/5/15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com