Electronic Components Datasheet Search
  English  ▼

X  

82567LM Datasheet(PDF) 2 Page - Intel Corporation

Part # 82567LM
Description  High-performance Gigabit Network Connectivity with Support for Intel짰 vPro??technology and Intel짰 Viiv??technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82567LM Datasheet(HTML) 2 Page - Intel Corporation

  82567LM Datasheet HTML 1Page - Intel Corporation 82567LM Datasheet HTML 2Page - Intel Corporation 82567LM Datasheet HTML 3Page - Intel Corporation 82567LM Datasheet HTML 4Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• Intel® digital home features: The Intel 82567 family is a key
ingredient for enabling Intel Viiv technology. The 82567 family
of products has been validated on platforms with Intel Viiv
technology to ensure seamless performance and usability
on consumer platforms.
• Performance-enhancing features: Each of the Intel 82567
family of network components includes advanced interrupt-
handling features to reduce CPU overheard. Other performance-
enhancing features include offloading TCP/UDP (for both IPv4
and IPv6) checksum calculations and performing TCP segmenta-
tion. Advanced features such as Jumbo Frame support for extra-
large packets and Receive Side Scaling are also available on the
Intel 82567LM product.
• Simplified installation and maintenance: The Intel 82567LM
and 82567LF products also support the Intel® Stable Image
Platform Program (SIPP), which provides system image stability
(both hardware and software) and consistency for >12 months
from the product launch date. This helps IT to better manage
the system images in their environment.
• Environmentally friendly design: The Intel 82567 family of
products are all lead free3 and halogen free4 in their silicon and
package design to reduce the potential for environmental impact.
• Reduced Power and Thermal Footprint: The Intel 82567
family of products drastically reduces the power consumption
at the chip to <700 mW in fully active conditions. In addition,
for mobile designs, Intel ACBS can help reduce the cable discon-
nected power of the chip to <40 mW while still maintaining full
usability. The products also support advanced link downshifting
capabilities to provide additional power headroom for system
regulatory compliance such as Energy Star* 4.0 by lowering
the link speed under certain conditions to save power.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com