Electronic Components Datasheet Search
  English  ▼

X  

ADS7809U Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7809U
Description  16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7809U Datasheet(HTML) 2 Page - Texas Instruments

  ADS7809U Datasheet HTML 1Page - Texas Instruments ADS7809U Datasheet HTML 2Page - Texas Instruments ADS7809U Datasheet HTML 3Page - Texas Instruments ADS7809U Datasheet HTML 4Page - Texas Instruments ADS7809U Datasheet HTML 5Page - Texas Instruments ADS7809U Datasheet HTML 6Page - Texas Instruments ADS7809U Datasheet HTML 7Page - Texas Instruments ADS7809U Datasheet HTML 8Page - Texas Instruments ADS7809U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ADS7809
2
SBAS017C
www.ti.com
Analog Inputs: R1IN .......................................................................... ±25V
R2IN .......................................................................... ±25V
R3IN .......................................................................... ±25V
REF ................................. VANA + 0.3V to AGND2 – 0.3V
CAP ....................................... Indefinite Short to AGND2,
......................................................................... Momentary Short to VANA
Ground Voltage Differences: DGND, AGND2 .................................
±0.3V
VANA ...................................................................................................... 7V
VDIG to VANA ....................................................................................... +0.3
VDIG ....................................................................................................... 7V
Digital Inputs ............................................................ –0.3V to VDIG + 0.3V
Maximum Junction Temperature .................................................. +165
°C
Internal Power Dissipation ............................................................ 700mW
Lead Temperature (soldering, 10s) .............................................. +300
°C
ABSOLUTE MAXIMUM RATINGS(1)
MINIMUM
SIGNAL-TO-
MAXIMUM
NO MISSING
(NOISE +
SPECIFIED
LINEARITY
CODE LEVEL DISTORTION)
PACKAGE-
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
ERROR (LSB)
(LSB)
RATIO (dB)
LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
ADS7809U
±315
83
SO-20
DW
–40
°C to +85°C
ADS7809U
ADS7809U
Rail, 38
"
""
"
"
"
"
"
ADS7809U/1K
Tape and Reel, 1000
ADS7809UB
±216
86
""
"
ADS7809UB
ADS7809UB
Rail, 38
"
""
"
"
"
"
"
ADS7809UB/1K
Tape and Reel, 1000
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com.
PACKAGE/ORDERING INFORMATION(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
NOTE: (1) Stresses above those listed under
Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com