Electronic Components Datasheet Search
  English  ▼

X  

BA3404F Datasheet(PDF) 13 Page - Rohm

Part # BA3404F
Description  Ground Sense Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3404F Datasheet(HTML) 13 Page - Rohm

Back Button BA3404F Datasheet HTML 9Page - Rohm BA3404F Datasheet HTML 10Page - Rohm BA3404F Datasheet HTML 11Page - Rohm BA3404F Datasheet HTML 12Page - Rohm BA3404F Datasheet HTML 13Page - Rohm BA3404F Datasheet HTML 14Page - Rohm BA3404F Datasheet HTML 15Page - Rohm BA3404F Datasheet HTML 16Page - Rohm BA3404F Datasheet HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Technical Note
BA10358F/FV, BA10324AF/FV, BA2904SF/FV/FVM, BA2904F/FV/FVM
BA2902SF/FV/KN, BA2902F/FV/KN, BA3404F/FVM
13/25
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
○BA2902 family
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
0
10
20
30
40
50
60
70
80
-50
-25
0
255075
100 125 150
AMBIENT TEMPERATURE [℃]
-8
-6
-4
-2
0
2
4
6
8
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
-40℃
125℃
25℃
32V
5V
3V
-40℃
25℃
125℃
105℃
105℃
BA2902 family
BA2902 family
BA2902 family
0
10
20
30
40
50
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
0.001
0.01
0.1
1
10
100
0
0.4
0.8
1.2
1.6
2
OUTPUT VOLTAGE [V]
0
10
20
30
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
15V
3V
5V
-40℃
25℃
105℃
3V
5V
15V
125℃
BA2902 family
BA2902 family
BA2902 family
Derating Curve
AMBIENT TEMPERTURE [℃]
Supply Current - Supply Voltage
Supply Current - Ambient Temperature
Maximum Output Voltage - Supply Voltage
(RL=10[k
Ω])
Maximum Output Voltage - Ambient Temperature
(VCC=5[V],RL=2[k
Ω])
Output Source Current - Output Voltage
(VCC=5[V])
Output Source Current - Ambient Temperature
(VOUT=0[V])
Output Sink Current - Output Voltage
(VCC=5[V])
Output Sink Current - Ambient Temperature
(VOUT=VCC)
Low Level Sink Current - Supply Voltage
(VOUT=0.2[V])
Low Level Sink Current - Ambient Temperature
(VOUT=0.2[V])
Input Offset Voltage - Supply Voltage
(Vicm=0[V], VOUT=1.4[V])
0
10
20
30
40
010
20
30
40
SUPPLY VOLTAGE [V]
0
1
2
3
4
5
-50
-25
0
25
50
75
100
125 150
AMBIENT TEMPERATURE [
℃]
0
10
20
30
40
50
01234
5
OUTPUT VOLTAGE [V]
25℃
-40℃
-40℃
25℃
105℃
100℃
105℃
125℃
BA2902 family
BA2902 family
BA2902 family
Fig. 73
Fig. 74
Fig. 75
Fig. 76
Fig. 77
Fig. 78
Fig. 79
Fig. 80
Fig. 81
Fig. 82
Fig. 83
Fig. 84
105
0.0
0.2
0.4
0.6
0.8
1.0
0
1020
3040
SUPPLY VOLTAGE [V]
0.0
0.2
0.4
0.6
0.8
1.0
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
0
200
400
600
800
1000
0
25
50
75
100
125
150
BA2902FV
BA2902KN
BA2902F
BA2902SFV
BA2902SKN
BA2902SF
25℃
125℃
-40℃
3V
32V
5V
105℃
BA2902 family
BA2902 family
BA2902 family
2.0
1.6
1.2
0.8
0.4
0.0
2.0
1.6
1.2
0.8
0.4
0.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com