Electronic Components Datasheet Search
  English  ▼

X  

BA4510F Datasheet(PDF) 1 Page - Rohm

Part # BA4510F
Description  Low Noise Operational Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4510F Datasheet(HTML) 1 Page - Rohm

  BA4510F Datasheet HTML 1Page - Rohm BA4510F Datasheet HTML 2Page - Rohm BA4510F Datasheet HTML 3Page - Rohm BA4510F Datasheet HTML 4Page - Rohm BA4510F Datasheet HTML 5Page - Rohm BA4510F Datasheet HTML 6Page - Rohm BA4510F Datasheet HTML 7Page - Rohm BA4510F Datasheet HTML 8Page - Rohm BA4510F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
1/48
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Operational Amplifiers / Comparators
Low Noise Operational Amplifiers
BA4558F, BA4558R F/FV/FVM, BA4560F, BA4560R F/FV/FVM, BA4564RFV
BA4580R F/FVM, BA4584FV, BA4584R F/FV, BA8522R F/FV/FVM
BA15218F, BA14741F, BA15532F, BA4510F/FV, BA2115F/FVM
●Description
General-purpose BA4558 / BA4560 / BA15218 / BA14741 /
BA15532 / BA4510 family and high-reliability BA4558R /
BA4560R / BA4564R / BA4580R / BA4584 / BA4584R / BA8522R / BA2115 family integrate two or four independent
Op-Amps on a single chip Especially, this series is suitable for any audio applications due to low noise and low distortion
characteristics and are usable for other many applications by wide operating supply voltage range.
BA4558R / BA4560R / BA4564R / BA4580R / BA4584R / BA8522R / BA2115 are high-reliability products with extended
operating temperature range and high ESD tolerance.
●Features
1) High voltage gain, low noise, low distortion
2) Wide operating supply voltage
±4.0[V]~±15.0[V]( split supply)
(BA4560/BA4558/ BA4558R/BA4560R/
BA4564R family)
±2.0[V]~±16.0[V]( split supply)
(BA4580R/ BA4584/BA8522R/BA15218 family)
±2.0[V]~±8.5[V]( split supply)(BA4584R family)
±2.0[V]~±18.0[V]( split supply)(BA14741 family)
±3.0[V]~±20.0[V]( split supply)(BA15532 family)
±1.0[V]~±3.5[V]( split supply)(BA4510 family)
±1.0[V]~±7.0[V]( split supply)(BA2115 family)
3) Internal phase compensation
4)
No latch up immunity
5)
Internal ESD protection
Human body mode (HBM) ±5000[V](Typ.)
(BA4558R/BA4560R/BA4564R/BA4580R/BA4584/
BA4584R/BA8522R/BA2115 family)
6)
Wide temperature range
-40[℃]~+85[℃]
(BA4558/BA4560/BA4584/BA15218/BA14741/
BA2115 family)
-40[℃]~+105[℃]
(BA4558R/BA4560R/BA4564R/BA4580R/BA4584R/
BA8522R family)
●Pin Assignments
No.11049EBT16
Dual
General purpose
BA4560F
Dual
Dual
Quad
Dual
Dual
BA4558F
BA15218F
BA14741F
BA15532F
BA4510F/FV
Dual
Dual
BA4558R F/FV/FVM
Dual
Quad
Dual
Quad
Quad
Dual
BA2115F/FVM
BA4584FV
BA4560R F/FVM
BA4580R F/FV/FVM
BA8522R F/FV/FVM
BA4584R F/FV
BA4564RFV
High reliability
SOP8
SSOP-B8
MSOP8
SOP14
SSOP-B14
BA4558F
BA4560F
BA15218F
BA15532F
BA4510F
BA4558RFV
BA4560RFV
BA4510FV
BA8522RFV
BA4558RFVM
BA4560RFVM
BA4580RFVM
BA8522RFVM
BA2115FVM
BA14741F
BA4584RF
BA4564RFV
BA4584FV
BA4584RFV
4
5
3
6
2
7
1
8
CH1
- +
CH2
+ -
OUT1
-IN1
+IN1
VEE
OUT2
-IN2
+IN2
VCC
7
8
6
9
5
10
4
11
3
12
2
13
1
14
CH4
+ -
CH1
- +
OUT1
-IN1
+IN1
VCC
OUT3
+IN3
-IN3
VEE
CH2
- +
+ -
CH3
OUT4
-IN4
+IN4
OUT2
+IN2
-IN2
BA4558RF
BA4560RF
BA4580RF
BA8522RF
BA2115F


Similar Part No. - BA4510F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA4510F ROHM-BA4510F Datasheet
43Kb / 4P
Dual high slew rate operational amplifier
BA4510F ROHM-BA4510F Datasheet
864Kb / 34P
Operational Amplifiers: Low Noise
BA4510F ROHM-BA4510F Datasheet
1Mb / 49P
Low Noise Operational Amplifiers
BA4510F ROHM-BA4510F Datasheet
957Kb / 49P
Low Noise Operational Amplifiers
BA4510F ROHM-BA4510F Datasheet
952Kb / 50P
Low Noise Operational Amplifiers
More results

Similar Description - BA4510F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NE5534 TI-NE5534 Datasheet
314Kb / 15P
LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
Operational Amplifiers: Low Noise
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
Low Noise Operational Amplifiers
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
Low Noise Operational Amplifiers
BA4558XXX ROHM-BA4558XXX Datasheet
561Kb / 29P
Low Noise Operational Amplifiers
4.SEP.2012 Rev.003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com