Electronic Components Datasheet Search
  English  ▼

X  

TLV5624CD Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5624CD
Description  2.7-V TO 5.5-V LOW POWER 8-VIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5624CD Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV5624CD Datasheet HTML 9Page - Texas Instruments TLV5624CD Datasheet HTML 10Page - Texas Instruments TLV5624CD Datasheet HTML 11Page - Texas Instruments TLV5624CD Datasheet HTML 12Page - Texas Instruments TLV5624CD Datasheet HTML 13Page - Texas Instruments TLV5624CD Datasheet HTML 14Page - Texas Instruments TLV5624CD Datasheet HTML 15Page - Texas Instruments TLV5624CD Datasheet HTML 16Page - Texas Instruments TLV5624CD Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
TLV5624
2.7V TO 5.5V LOW POWER 8BIT DIGITALTOANALOG
CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
SLAS235B − JULY 1999 − REVISED APRIL 2004
13
WWW.TI.COM
APPLICATION INFORMATION
Example:
D Set DAC output, select fast mode, select internal reference at 2.048 V:
1.
Set reference voltage to 2.048 V (CONTROL register):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1
1
0
1
0
0
0
0
0
0
0
0
0
0
1
0
2.
Write new DAC value and update DAC output:
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
0
New DAC output value
0
0
0
0
The DAC output is updated on the rising clock edge after D0 is sampled.
To output data consecutively using the same DAC configuration, it is not necessary to program the CONTROL
register again.
linearity, offset, and gain error using single ended supplies
When an amplifier is operated from a single supply, the voltage offset can still be either positive or negative. With
a positive offset, the output voltage changes on the first code change. With a negative offset, the output voltage
may not change with the first code, depending on the magnitude of the offset voltage.
The output amplifier attempts to drive the output to a negative voltage. However, because the most negative
supply rail is ground, the output cannot drive below ground and clamps the output at 0 V.
The output voltage then remains at zero until the input code value produces a sufficient positive output voltage
to overcome the negative offset voltage, resulting in the transfer function shown in Figure 15.
DAC Code
Output
Voltage
0 V
Negative
Offset
Figure 15. Effect of Negative Offset (Single Supply)
This offset error, not the linearity error, produces this breakpoint. The transfer function would have followed the
dotted line if the output buffer could drive below the ground rail.
For a DAC, linearity is measured between zero-input code (all inputs 0) and full-scale code after offset and full
scale are adjusted out or accounted for in some way. However, single supply operation does not allow for
adjustment when the offset is negative due to the breakpoint in the transfer function. So the linearity is measured
between full-scale code and the lowest code that produces a positive output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com