Electronic Components Datasheet Search
  English  ▼

X  

SS52A Datasheet(PDF) 1 Page - First Components International

Part # SS52A
Description  5.0 Amp SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SS52A Datasheet(HTML) 1 Page - First Components International

  SS52A Datasheet HTML 1Page - First Components International SS52A Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mechanical Dimensions
DO-214AC
(SMA)
¬ Low forward voltage drop
¬ High current capability
¬ High surge current capability
¬ High reliability
¬ Case: Molded plastic SMA/DO-214AC
¬ Epoxy: UL 94V-0 rate flame retardant
¬ Polarity:Color band denotes cathode end
¬ Weight: 0.064 gram
Mechanical Data
NOTES :
-55 to +125 / -55 to +150
SS51A
SS52A
40
28
40
5.0
1.0
50
80
300
UNIT
V
V
V
V
A
A
mA
oC
pF
20
14
20
SYBMOL
VRRM
VRMS
VDC
I(AV)
IR
CJ
TJ, TSTG
VF
IFSM
0.55
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
At Rated DC Blocking Voltage @TJ=100
oC
Typical junction Capacitance (Note 1)
Operating Junction and Storage Temperature
TL=100
oC
Half sine-wave superimposed on rated load
(JEDEC Method)
@ 5.0 A
Range
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
Features
Description


Similar Part No. - SS52A

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SS52A BWTECH-SS52A Datasheet
406Kb / 4P
SCHOTTKY RECTIFIER
logo
Jiangsu High diode Semi...
SS52A HDSEMI-SS52A Datasheet
1Mb / 4P
SMAK Plastic-Encapsulate Diodes
logo
Galaxy Semi-Conductor H...
SS52A BILIN-SS52A Datasheet
551Kb / 4P
Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
SS52A FS-SS52A Datasheet
417Kb / 2P
5A SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Leiditech Elec...
SS52A LEIDITECH-SS52A Datasheet
371Kb / 3P
Schottky rectifier
More results

Similar Description - SS52A

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SM520C GWSEMI-SM520C Datasheet
65Kb / 2P
5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SCD52 SECOS-SCD52_15 Datasheet
470Kb / 2P
5.0 AMP Surface Mount Schottky Barrier Rectifiers
SK54BL SECOS-SK54BL_15 Datasheet
165Kb / 2P
5.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Nanjing International G...
SS52-20V-DO-214AB DGNJDZ-SS52-20V-DO-214AB Datasheet
266Kb / 2P
5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS58-5A-80V-DO-214AA DGNJDZ-SS58-5A-80V-DO-214AA Datasheet
249Kb / 2P
5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS515-150V-DO-214AB DGNJDZ-SS515-150V-DO-214AB Datasheet
266Kb / 2P
5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS520-200V-DO-214AA DGNJDZ-SS520-200V-DO-214AA Datasheet
249Kb / 2P
5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS520F-200V.SMAF DGNJDZ-SS520F-200V.SMAF Datasheet
517Kb / 2P
5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK52.5A-DO-214AB DGNJDZ-SK52.5A-DO-214AB Datasheet
216Kb / 2P
5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK54.5A-DO-214AB DGNJDZ-SK54.5A-DO-214AB Datasheet
216Kb / 2P
5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com