Electronic Components Datasheet Search
  English  ▼

X  

SS120 Datasheet(PDF) 2 Page - First Components International

Part # SS120
Description  1.0 Amp SCHOTTKY BARRIER RECTIFIERS Outline Free Pb
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SS120 Datasheet(HTML) 2 Page - First Components International

  SS120 Datasheet HTML 1Page - First Components International SS120 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (SS120 THRU SS1100)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0.2
0.4
0.6
0.8
1.0
1.2
350
300
250
200
150
100
50
0
.01
.05
.1
.5
1
5
10
50
100
.1
.3
.5
.7
.9
1.1
1.3
1.5
3.0
.1
1.0
10
100
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
80
100 120 140
.01
Tj=75 C
SS
18
0~
SS
11
00
Tj=25 C
Tj=25 C
AMBIENT TEMPERATURE,( C)
0
0
20
40
60
80
100
120
140
160
180
200
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
0
10
5
15
25
20



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com