Electronic Components Datasheet Search
  English  ▼

X  

SS160 Datasheet(PDF) 1 Page - First Components International

Part # SS160
Description  1.0 Amp SCHOTTKY BARRIER RECTIFIERS Outline Free Pb
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SS160 Datasheet(HTML) 1 Page - First Components International

  SS160 Datasheet HTML 1Page - First Components International SS160 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOD-123H
Mechanical Data
Feature
▓ Plastic Package has Underwriters Lab Flammability
▓ Outline Free Pb
Classification 94-V-0 Utilizing Flame Retardant
▓ High Reliability
epoxy molding compound
▓ Low Leakage Current
▓ Exceeds Environmental standard of ML-S-19500-2
▓ Weight: 0.0393 grams(approx.)
Max Ratings at Ta=25C Unless Otherwise Specified
Symbol SS120 SS130 SS140 SS150 SS160 SS180 SS100 Unit
Vrrm
20
30
40
50
60
80
100
V
Vrwm
20
30
40
50
60
80
100
V
Vdc
20
30
40
50
60
80
100
V
Vr(rms)
14
21
28
35
42
56
70
V
IF(AV)
1
1
1
1
1
1
1
A
IFSM
25
25
25
25
25
25
25
A
Vf
V
Ir
mA
Tj/Ts
C
CJ
Pf
Rthja
C/W
98
120
Type Junction Capacitance
Mechanical Dimensions
Dimension in inches (mm)
0.7
0.95
0.5/10
-55~150
Note: 1. Measured at 1MHz and applied reverse Voltage of 4.0V
Reverse Leakage Current; note. 1@ 25C/125C
-55 ~+ 125
Characteristic
Max Forward Voltage IF=1A @25C
Type Thermal Resistance
Description
Operating & torage Temp. Range
working Peak Reverse Voltage
Peak Repetitive Reverse Voltage
DC Blocking Voltage
RMS Reverse Voltage
Peak Forward Surge Current 8.3 ms single half
wave
Forward Continuous Current
0.5


Similar Part No. - SS160

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SS1608100ML ABC-SS1608100ML Datasheet
470Kb / 6P
SHIELDED SMD POWER INDUCTOR
SS1608101ML ABC-SS1608101ML Datasheet
470Kb / 6P
SHIELDED SMD POWER INDUCTOR
SS1608102ML ABC-SS1608102ML Datasheet
470Kb / 6P
SHIELDED SMD POWER INDUCTOR
SS1608103ML ABC-SS1608103ML Datasheet
470Kb / 6P
SHIELDED SMD POWER INDUCTOR
SS1608150ML ABC-SS1608150ML Datasheet
470Kb / 6P
SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SS160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SR160S ETC1-SR160S Datasheet
53Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SDBS12 TSC-SDBS12 Datasheet
101Kb / 2P
1.0 AMP. Schottky Barrier Rectifiers
SR102 TSC-SR102_10 Datasheet
527Kb / 2P
1.0 AMP. Schottky Barrier Rectifiers
logo
Nanjing International G...
SB120 DGNJDZ-SB120 Datasheet
262Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR220 DGNJDZ-SR220 Datasheet
178Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR1100-1A-DO-41 DGNJDZ-SR1100-1A-DO-41 Datasheet
318Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
1N5817-1A-DO-41 DGNJDZ-1N5817-1A-DO-41 Datasheet
206Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR220-2A-DO-41 DGNJDZ-SR220-2A-DO-41 Datasheet
212Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR250-2A-DO-41 DGNJDZ-SR250-2A-DO-41 Datasheet
212Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR1150.1A-DO-41 DGNJDZ-SR1150.1A-DO-41 Datasheet
318Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com