Electronic Components Datasheet Search
  English  ▼

X  

TPS54331DDA Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54331DDA
Description  3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54331DDA Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS54331DDA Datasheet HTML 15Page - Texas Instruments TPS54331DDA Datasheet HTML 16Page - Texas Instruments TPS54331DDA Datasheet HTML 17Page - Texas Instruments TPS54331DDA Datasheet HTML 18Page - Texas Instruments TPS54331DDA Datasheet HTML 19Page - Texas Instruments TPS54331DDA Datasheet HTML 20Page - Texas Instruments TPS54331DDA Datasheet HTML 21Page - Texas Instruments TPS54331DDA Datasheet HTML 22Page - Texas Instruments TPS54331DDA Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
0
10
20
30
40
50
60
70
80
90
100
0
0.02 0.04 0.06 0.08 0.1 0.12 0.14 0.16 0.18 0.2
I
-OutputCurrent- A
O
V
=7V
IN
V
=14V
IN
V
=21V
IN
V
=28V
IN
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
I
-OutputCurrent- A
O
V
=7V
IN
V
=14V
IN
V
=21V
IN
V
=28V
IN
0.9985
0.999
0.9995
1
1.0005
1.001
1.0015
1.002
1.0025
1.003
1.0035
1.004
0
0.5
1
1.5
2
2.5
3
3.5
V
=14V
IN
V
=21V
IN
V
=28V
IN
V
=7V
IN
I
-OutputCurrent- A
O
3.28
3.29
3.3
3.31
3.32
3.33
3.34
3.35
3.36
3.37
3.38
0
5
10
15
20
25
30
V -InputVoltage-V
I
I
=0 A
O
I
=1.5 A
O
I
=3 A
O
TPS54331
www.ti.com
SLVS839D
– JULY 2008 – REVISED JANUARY 2012
ELECTROMAGNETIC INTERFERENCE (EMI) CONSIDERATIONS
As EMI becomes a rising concern in more and more applications, the internal design of the TPS54331 takes
measures to reduce the EMI. The high-side MOSFET gate drive is designed to reduce the PH pin voltage
ringing. The internal IC rails are isolated to decrease the noise sensitivity. A package bond wire scheme is used
to lower the parasitics effects.
To achieve the best EMI performance, external component selection and board layout are equally important.
Follow the Step by Step Design Procedure above to prevent potential EMI issues.
APPLICATION CURVES
spacer
Figure 17. TPS54331D Efficiency
Figure 18. TPS54331D Low Current Efficiency
spacer
spacer
Figure 19. TPS54331D Load Regulation
Figure 20. TPS54331D Line Regulation
spacer
Copyright
© 2008–2012, Texas Instruments Incorporated
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com