Electronic Components Datasheet Search
  English  ▼

X  

UFF10C40 Datasheet(PDF) 1 Page - First Components International

Part # UFF10C40
Description  10 Amp ULTRAFAST POWER RECTIFIERS SUPERFAST RECOVERY TIME
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

UFF10C40 Datasheet(HTML) 1 Page - First Components International

  UFF10C40 Datasheet HTML 1Page - First Components International UFF10C40 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
Mechanical Dimensions
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
Working Peak Reverse Voltage...V
RWM
DC Blocking Voltage...V
DC
RMS Reverse Voltage...V
R(rms)
UFF10C20 . . . 60 Series
Average Forward Rectified Current...I
F(av) (Per Leg)
T
C = 150°C @ Rated VDC ( Total)
Repetitive Peak Forward Surge Current...I
FM
@ Rated V
DC, Square Wave, 20 kHz, TC = 150°C
Non-Repetitive Peak Forward Surge Current...I
FSM
@ Rated Load Cond., ½ Wave, Single Phase, 60Hz
Operating & Storage Temperature Range...T
J, TSTRG
Maximum Forward Voltage...V
F
@ I
F = 5 Amps, PW = 300µsTC = 25
C
Maximum DC Reverse Current...I
R
@ Rated DC Blocking Voltage
T
C =125°C
T
C =25°C
Maximum Reverse Recovery Time...t
RR
I
F = 0.5 Amp, IR= 1A, Irr = 0.25A
200
400
600
200
400
600
200
400
500
200
400
500
140
280
420
Data Sheet
10 Amp ULTRAFAST
POWER RECTIFIERS
Units
Volts
Volts
Volts
Volts
Amps
Amps
Amps
Amps
°C
Volts
µAmps
µAmps
ns
n SUPERFAST RECOVERY TIME
n MEETS UL SPECIFICATION 94V-0
n LOW FORWARD VOLTAGE
n HIGH SURGE CAPABILITY
1
1
1
3
3
3
2
2
2
Double Suffix ‘‘D’’
Common Anode Suffix ‘‘A’’
Common Cathode Suffix ‘‘C’’
CASE
CASE
CASE
<...........35.....><....50...>
500
10
.975
1.3
1.7
Electrical Characteristics, Per Diode Leg
5
10
10
150
-50 to 150
JEDEC
IT0-220AB
ISOLATED
.50
.14
.25
.100
.225 Min
.10
.39 .42
.620


Similar Part No. - UFF10C40

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
UFF100-005 FRONTIER-UFF100-005 Datasheet
67Kb / 2P
10A ULTRA FAST RECOVERY RECTIFIER
UFF100-005-LFR FRONTIER-UFF100-005-LFR Datasheet
132Kb / 2P
10A ULTRA FAST RECOVERY RECTIFIER
UFF100-005CT FRONTIER-UFF100-005CT Datasheet
132Kb / 2P
10A DUAL ULTRA FAST RECOVERY RECTIFIER
UFF100-005CT-LFR FRONTIER-UFF100-005CT-LFR Datasheet
132Kb / 2P
10A DUAL ULTRA FAST RECOVERY RECTIFIER
UFF100-01 FRONTIER-UFF100-01 Datasheet
67Kb / 2P
10A ULTRA FAST RECOVERY RECTIFIER
More results

Similar Description - UFF10C40

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
ER100 TRSYS-ER100 Datasheet
198Kb / 3P
SUPERFAST RECOVERY RECTIFIERS
ER100S TRSYS-ER100S Datasheet
147Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
ER800 TRSYS-ER800 Datasheet
164Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
ED602CS PANJIT-ED602CS_04 Datasheet
48Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
SF21 HY-SF21 Datasheet
38Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
SF31 HY-SF31 Datasheet
38Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
SF41 HY-SF41 Datasheet
35Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
First Components Intern...
VF10C05 FCI-VF10C05 Datasheet
133Kb / 2P
10 Amp ULTRAFAST RECOVERY POWER RECTIFIERS ULTRAFAST RECOVERY
VFP30C05 FCI-VFP30C05 Datasheet
1Mb / 2P
30 Amp ULTRAFAST RECOVERY POWER RECTIFIERS
logo
New Jersey Semi-Conduct...
VJ048XM NJSEMI-VJ048XM Datasheet
93Kb / 1P
10 Amp Fast Recovery Time Epoxy Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com