Electronic Components Datasheet Search
  English  ▼

X  

UFP60C Datasheet(PDF) 1 Page - First Components International

Part # UFP60C
Description  60 Amp Dual Super Fast Power Rectifiers Outline Free Pb
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

UFP60C Datasheet(HTML) 1 Page - First Components International

  UFP60C Datasheet HTML 1Page - First Components International UFP60C Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
COMMON CATHODE SUFFIX C
COMMON ANODE SUFFIX A
SERIES SUFFIX D
Feature
Mechanical Data
▓ Low Forward Voltage Drop
▓ High Current Capability
▓ High Reliability
▓ High Surge Current Current capability
MIL-STD-202 Method 208 Guaranteed
▓ Outline Free Pb
Max Ratings at Ta=25C Unless Otherwise Specified
20
30
40
50
60
Vrrm
200
300
400 500 600
V
Vrwm
2
00
300
400 500 600
V
Vdc
200
300
40
0 500 600
V
Vr(rms)
140
210
280 350 420
V
IF(AV)
mA
IFSM
A
Ir
mA
Trr
ns
Tj/Ts
C
Rthjc
C/W
Cd
pF
Note: 2. Pulse width<=300us, duty cycle<=2%
TO-247(TO-3P)
DIMENSION IN mm(inch)
290
260
Reverse Recovery Time(If=0.5A, Ir=1.0A,
Irr=0.25A
)
50
100
0.03/3.0
-65~+150
4.0
▓
Case: TO-247 Molded Plastic
▓
Epoxy: UL94-V Rate Flame Retardant
▓
Terminals: Lead Solderable per
▓
Weight: 5.6 grams(approx.)
Reverse Leakage Current; note. 1@ 25C/125C
Characteristic
Symbol
UFP60C
30/60
450
1.0
1.5
0.88
1.32
1.75
Vf
V
Max Forward Voltage IF=30A @25C
Unit
1.57
Description
Mechanical Dimensions
Typical Diode Capacitance Vr=4V, f=1.0MHz
Operating & torage Temp. Range
working Peak Reverse Voltage
Peak Repetitive Reverse Voltage
DC Blocking Voltage
RMS Reverse Voltage
Thermal Resistance Junction to Case
non-Repetitive peak Surge Current Halfwave
single phase, 60Hz
Max Forward Voltage IF=30A @100C
Forward Continuous Current ; per leg/
package


Similar Part No. - UFP60C

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
UFP60C10A THINKISEMI-UFP60C10A Datasheet
507Kb / 3P
60 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Rectifiers
UFP60C10C THINKISEMI-UFP60C10C Datasheet
509Kb / 3P
60 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
UFP60C10D THINKISEMI-UFP60C10D Datasheet
508Kb / 3P
60 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
UFP60C10S THINKISEMI-UFP60C10S Datasheet
508Kb / 3P
60 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
UFP60C20A THINKISEMI-UFP60C20A Datasheet
507Kb / 3P
60 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Rectifiers
More results

Similar Description - UFP60C

ManufacturerPart #DatasheetDescription
logo
Bytes
SF161 BYTES-SF161 Datasheet
167Kb / 2P
16.0 AMP SUPER FAST RECTIFIERS
logo
Formosa MS
SF24GH FORMOSA-SF24GH Datasheet
62Kb / 2P
2.0 AMP SUPER FAST RECTIFIERS
SF28 FORMOSA-SF28 Datasheet
65Kb / 2P
2.0 AMP SUPER FAST RECTIFIERS
logo
UNIOHM CORPORATION
SF61 UNIOHM-SF61 Datasheet
70Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
logo
First Components Intern...
SS120 FCI-SS120 Datasheet
111Kb / 2P
1.0 Amp SCHOTTKY BARRIER RECTIFIERS Outline Free Pb
logo
Goodwork Semiconductor ...
SF11S GWSEMI-SF11S Datasheet
71Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
SF21 GWSEMI-SF21 Datasheet
71Kb / 2P
2.0 AMP SUPER FAST RECTIFIERS
SF31 GWSEMI-SF31 Datasheet
71Kb / 2P
3.0 AMP SUPER FAST RECTIFIERS
SF101 GWSEMI-SF101 Datasheet
75Kb / 2P
10.0 AMP SUPER FAST RECTIFIERS
logo
Nanjing International G...
ES5A DGNJDZ-ES5A Datasheet
982Kb / 2P
5.0 AMP SUPER FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com