Electronic Components Datasheet Search
  English  ▼

X  

SC212KSIT Datasheet(PDF) 5 Page - SEC Electronics Inc.

Part # SC212KSIT
Description  120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SC212KSIT Datasheet(HTML) 5 Page - SEC Electronics Inc.

  SC212KSIT Datasheet HTML 1Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 2Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 3Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 4Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 5Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 6Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 7Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 8Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 9Page - SEC Electronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SC212KSIT
120 kHz Bandwidth, High Voltage Isolation
Current Sensor with Integrated Overcurrent Detection
5/13
COMMON OPERATING CHARACTERISTICS
Valid at TA = –40°C to 125°C, VCC = 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
ELECTRICAL CHARACTERISTICS
Supply Voltage
1
V
CC
3
–
5.5
V
Nominal Supply Voltage
V
CCN
–
5
–
V
Supply Current
I
CC
VIOUT open, FAULT pin high
–
11
14.5
mA
Output Capacitance Load
C
LOAD
VIOUT pin to GND
–
–
10
nF
Output Resistive Load
R
LOAD
VIOUT pin to GND
10
–
–
kΩ
Magnetic Coupling from
Device Conductor to Hall
Element
MC
HALL
Current flowing from IP+ to IP– pins
–
9.5
–
G/A
Internal Filter Resistance
2
R
F(INT)
–
1.7
–
k
Ω
Primary Conductor
Resistance
R
PRIMARY
T
A = 25°C
–
1
–
mΩ
ANALOG OUTPUT SIGNAL CHARACTERISTICS
Full Range Linearity
3
E
LIN
I
P = ±IP0A
–0.75
±0.25
0.75
%
Symmetry
4
E
SYM
I
P = ±IP0A
99.1
100
100.9
%
Bidirectional
Quiescent
Output
V
OUT(QBI)
I
P = 0 A, TA = 25°C
–
V
CC/2
–
V
TIMING PERFORMANCE CHARACTERISTICS
VIOUT Signal Rise Time
tr
T
A = 25°C, Swing IP from 0 A to IP0A,
no capacitor on FILTER pin, 100 pF
fromVIOUT to GND
–
3
–
μs
VIOUT Signal Propagation
Time
t
PROP
TA = 25°C, no capacitor on FILTER
pin,100 pF from VIOUT to GND
–
1
–
μs
VIOUT
Signal
Response
Time
t
RESPONSE
T
A = 25°C, Swing IP from 0 A to IP0A,
no capacitor on FILTER pin, 100 pF
fromVIOUT to GND
–
4
–
μs
VIOUT
Large
Signal
Bandwidth
f
3dB
–3 dB, Apply I
P such that VIOUT = 1
Vpk-pk, no capacitor on FILTER pin,
100 pF from VIOUT to GND
–
120
–
kHz
Power-On Time
t
PO
Output reaches 90% of steady-state
level, no capacitor on FILTER pin, T
A =
25°C
–
35
–
μs
OVERCURRENT CHARACTERISTICS
Setting Voltage for
Overcurrent Switchpoint
5
V
OC
V
CC×0.25
–
V
CC×0.4
V
Signal Noise at
Overcurrent Comparator
Input
I
NCOMP
–
±1
–
A
Overcurrent Fault
Switchpoint Error
6,7
E
OC
Switchpoint in V
OC safe operating area;
assumes I
NCOMP = 0 A
–
±5
–
%
Overcurrent
FAULT Pin
Output Voltage
V
FAULT
1 mA sink current at FAULT pin
–
–
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com