Electronic Components Datasheet Search
  English  ▼

X  

VFD10C40 Datasheet(PDF) 1 Page - First Components International

Part # VFD10C40
Description  10.0AMPS ULTRA FAST SURFACE MOUNT POWER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

VFD10C40 Datasheet(HTML) 1 Page - First Components International

  VFD10C40 Datasheet HTML 1Page - First Components International VFD10C40 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D2pack(TO-263)
Dimensions in inch(mm)
FEATURES
* Low switching noise
* Low forward voltage drop
* Low thermal resistance
* High current capability
* Ultra fast switching speed
* High reliability
* Good for switching mode circuit
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. Suffix “A” =Common Anode.
2003-1
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TC = 125
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
50
100
200
300
400
500
600
IFSM
CJ
TJ, TSTG
VRMS
UNITS
Volts
Volts
Amps
10.0
125
3
50
Amps
0C/ W
0 C
Operating and Storage Temperature Range
R
θJC
IO
-55 to + 150
pF
Volts
30
CHARACTERISTICS
at Rated DC Blocking Voltage
Maximum Reverse Recovery Time (Note 1)
VF
SYMBOL
IR
nSec
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 10.0A DC
Volts
10
50
@TC = 100
oC
@TC = 25
oC
trr
1.
1.30
1.35
500
75
UNITS
VFD10C05 VFD10C10 VFD10C20 VFD10C30 VFD10C40 VFD10C50 VFD10C60
50
100
200
300
400
500
600
35
70
140
210
280
350
420
1.70
.412 (10.46)
.388 (9.86)
.189 (4.80)
.173 (4.40)
.053 (1.35)
.049 (1.25)
.020 (0.50)
.055 (1.40)
.047 (1.20)
.202 (5.13)
.028 (0.71)
.198 (5.03)
.036 (0.91)
.012 (0.30)
MECHANICAL DATA
* Case: D2PAK molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 2.2 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Preliminary Data Sheet
Description
Mechanical Dimensions
VFD10C05 VFD10C10 VFD10C20 VFD10C30 VFD10C40 VFD10C50 VFD10C60
10.0AMPS ULTRA FAST
SURFACE MOUNT POWER RECTIFIERS


Similar Part No. - VFD10C40

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
VFD-12LU FUJITSU-VFD-12LU Datasheet
184Kb / 9P
1 POLE - 20/25/30A - Heavy power control
logo
Mean Well Enterprises C...
VFD-150P-48 MEANWELL-VFD-150P-48 Datasheet
392Kb / 8P
150W General type DC Input Variable Frequency Drive
2023-08-04
logo
fujitsu semiconductor
VFD-18HU FUJITSU-VFD-18HU Datasheet
184Kb / 9P
1 POLE - 20/25/30A - Heavy power control
VFD-18LU FUJITSU-VFD-18LU Datasheet
184Kb / 9P
1 POLE - 20/25/30A - Heavy power control
VFD-18MU FUJITSU-VFD-18MU Datasheet
184Kb / 9P
1 POLE - 20/25/30A - Heavy power control
More results

Similar Description - VFD10C40

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS10H100CT TSC-MBRS10H100CT_11 Datasheet
149Kb / 2P
10.0AMPS Surface Mount Schottky Barrier Rectifiers
MBRS1035 TSC-MBRS1035_11 Datasheet
136Kb / 2P
10.0AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS1035CT TSC-MBRS1035CT_11 Datasheet
149Kb / 2P
10.0AMPS Surface Mount Schottky Barrier Rectifiers
SFS1001G TSC-SFS1001G Datasheet
143Kb / 2P
10.0AMPS Surface Mount Super Fast Rectifiers
SRS1020 TSC-SRS1020_11 Datasheet
154Kb / 2P
10.0AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS10H100CT TSC-MBRS10H100CT_13 Datasheet
257Kb / 4P
10.0AMPS Surface Mount Schottky Barrier Rectifiers
MBRS1035CT TSC-MBRS1035CT_13 Datasheet
258Kb / 4P
10.0AMPS Surface Mount Schottky Barrier Rectifiers
SFS1001G TSC-SFS1001G_13 Datasheet
436Kb / 4P
10.0AMPS Surface Mount Super Fast Rectifiers
SRS1020 TSC-SRS1020_13 Datasheet
255Kb / 4P
10.0AMPS. Surface Mount Schottky Barrier Rectifiers
UGF1004G TSC-UGF1004G Datasheet
238Kb / 3P
10.0AMPS. Isolated Glass Passivated Ultra Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com