Electronic Components Datasheet Search
  English  ▼

X  

W06 Datasheet(PDF) 1 Page - First Components International

Part # W06
Description  1.5 Amp SINGLE PHASE SILICON BRIDGE LOW LEAKAGE CURRENT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

W06 Datasheet(HTML) 1 Page - First Components International

  W06 Datasheet HTML 1Page - First Components International W06 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
WOB
.360(9.1)
.340(8.6)
1.0(25.4)
MIN.
.217(5.5)
.197(5.0)
1.2(30.5)
MIN.
.032(0.8)
.028(0.7)
.220(5.6)
.180(4.6)
.220(5.6)
.180(4.6)
POS
LEAD
Description
Mechanical Dimensions
Data Sheet
1.5 Amp
SINGLE PHASE SILICON BRIDGE
Features
n 200 AMP SURGE OVERLOAD RATING
n MEETS UL SPECIFICATION 94V-0
Maximum Ratings
W005 . . . 10 Series
Average Forward Rectified Current...I
F(av)
T
A = 25°C
Non-Repetitive Peak Forward Surge Current...I
FSM
8.3 ms Single ½ Sine Wave Imposed on Rated Load
Operating & Storage Temperature Range...T
J, TSTRG
Maximum Forward Voltage...V
F
Per Bridge Element @ 1.0 Amp
Maximum DC Reverse Current Per Bridge Element...I
R
@ Rated DC Blocking Voltage
T
A =25°C
T
A =100°C
Units
Volts
Volts
Volts
............................................. 1.5 ...............................................
............................................. 50 ...............................................
........................................ -55 to 125 .........................................
............................................. 1.0 ...............................................
............................................. 10 ...............................................
............................................. 1.0 ...............................................
Amps
Amps
°C
Volts
µAmps
mAmps
W005
W01
W02
W04
W06
W08
W10
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
n COMPACT SIZE
n LOW LEAKAGE CURRENT
Electrical Characteristics
WEIGHT: 1.1GRAMS
n


Similar Part No. - W06

ManufacturerPart #DatasheetDescription
logo
Surge Components
W06 SURGE-W06 Datasheet
107Kb / 2P
Single Phase 1.5 AMPS. Silicon Bridge Rectifiers?
logo
Semtech Corporation
W06 SEMTECH-W06 Datasheet
127Kb / 2P
1.5A SINGLE - PHASE SILICON BRIDGE????
logo
Shanghai Sunrise Electr...
W06 SSE-W06 Datasheet
14Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W06 CHENYI-W06 Datasheet
140Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
EIC discrete Semiconduc...
W06 EIC-W06 Datasheet
17Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

Similar Description - W06

ManufacturerPart #DatasheetDescription
logo
Bytes
RB151 BYTES-RB151 Datasheet
145Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
logo
Formosa MS
W005M FORMOSA-W005M Datasheet
29Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
DB151 FORMOSA-DB151 Datasheet
62Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
logo
First Components Intern...
W005G FCI-W005G Datasheet
125Kb / 2P
1.5 Amp GLASS PASSIVATED SINGLE PHASE SILICON BRIDGE
logo
UNIOHM CORPORATION
RB151 UNIOHM-RB151 Datasheet
60Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
logo
First Components Intern...
2W005 FCI-2W005_1 Datasheet
67Kb / 1P
2.0 Amp SINGLE PHASE SILICON BRIDGE LOW LEAKAGE CURRENT
DF15005 FCI-DF15005 Datasheet
110Kb / 2P
1.5 Amp Glass Passivated Single Phase Silicon Bridge
KBU400 FCI-KBU400_1 Datasheet
65Kb / 1P
4.0 Amp SINGLE PHASE SILICON BRIDGE LOW LEAKAGE CURRENT
KBU600 FCI-KBU600_1 Datasheet
75Kb / 1P
6.0 Amp SINGLE PHASE SILICON BRIDGE LOW LEAKAGE CURRENT
KBU800 FCI-KBU800_1 Datasheet
77Kb / 1P
8.0 Amp SINGLE PHASE SILICON BRIDGE LOW LEAKAGE CURRENT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com