Electronic Components Datasheet Search
  English  ▼

X  

TSP400BL Datasheet(PDF) 1 Page - First Components International

Part # TSP400BL
Description  LOW CAPACITANCE THYRISTOR SERIES CAPACITANCE THYRISTOR SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

TSP400BL Datasheet(HTML) 1 Page - First Components International

  TSP400BL Datasheet HTML 1Page - First Components International TSP400BL Datasheet HTML 2Page - First Components International TSP400BL Datasheet HTML 3Page - First Components International TSP400BL Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESCRIPTION
MECHANICAL DIMENSION
DO-214AA
(SMB)
Data
LOW CAPACITANCE THYRISTOR SERIES
CAPACITANCE THYRISTOR SERIES
0.155 (3.94)
0.130 (3.30)
0.086 (2.20)
0.077 (1.95)
0.180 (4.57)
0.160 (4.06)
0.096 (2.44)
0.084 (2.13)
0.220 (5.59)
0.205 (5.21)
0.060 (1.52)
0.030 (0.76)
Dimensions in inches and(millimeters)
0.012 (0.305)
0.006 (0.152)
0.008 (0.203) MAX.
◎ UL94V-0 Flammability Classification
◎ ESD Protection >40 kilovolts
◎ Low Capacitance for T1/E1 Trunk and Line
Card Application
◎ High Surge Current Capability
◎ Peak Off-State Voltage from 58 to 160 volts
◎ Meet IEC61000-4-4 & -5 Industry Requirement
,UL1459,Bellcore 1089,ITU-TK. 20 & K. 21
◎ Provides Protection in Accordance with FCC Part 68
7.6 / 5.8
25.4MIN
0.9 / 0.7 DIA.
3.6 / 2.6 DIA.
DO-15
FEATURES
□ UL94V-0 Flammability Classification
□ ESD Protection >40k Voltage
□ ,High Surge Current Capability
□ Peak Off-State voltage from 58~300V
□ Meet IEC100-4-4 & -5 Industry requirement
□ Low Capacitance for T1/E1 Trunk and Line Card Application
□ Provides Protection in Accordance with FCC part 68, UL1459, Bellcore 1089, ITU-TK. 20& K.21


Similar Part No. - TSP400BL

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
TSP4200SB BWTECH-TSP4200SB Datasheet
697Kb / 4P
Surface Mount Thyristor Surge Protective Devices
TSP4200SB BWTECH-TSP4200SB Datasheet
807Kb / 5P
Surface Mount Thyristor Surge Protective Devices
logo
Taiwan Semiconductor Co...
TSP4264 TSC-TSP4264 Datasheet
432Kb / 6P
5V/150mA Fixed-Voltage Ultra Low LDO
TSP4264CW50RP TSC-TSP4264CW50RP Datasheet
432Kb / 6P
5V/150mA Fixed-Voltage Ultra Low LDO
logo
TRACO Electronic AG
TSP480 TRACOPOWER-TSP480 Datasheet
282Kb / 1P
Wall Mounting Kit
Rev. November 30, 2022
More results

Similar Description - TSP400BL

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
T064AB-LC WEITRON-T064AB-LC Datasheet
262Kb / 3P
Low Capacitance Bi-Directional Surface Mount Thyristor Surge Protective Device
logo
Bourns Electronic Solut...
TISP4CXXXH3BJ BOURNS-TISP4CXXXH3BJ Datasheet
182Kb / 4P
LOW CAPACITANCE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Weitron Technology
T110AB-LC WEITRON-T110AB-LC_07 Datasheet
296Kb / 3P
Low Capacitance Bi-Directional Surface Mount Thyristor Surge Protective Device
logo
Bourns Electronic Solut...
TISP4C115H3BJ BOURNS-TISP4C115H3BJ_10 Datasheet
211Kb / 4P
LOW CAPACITANCE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4P015L1N BOURNS-TISP4P015L1N_10 Datasheet
368Kb / 6P
LOW CAPACITANCE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
TISP4P035L1NR-S BOURNS-TISP4P035L1NR-S Datasheet
368Kb / 6P
LOW CAPACITANCE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
logo
Continental Device Indi...
CDR05 CDIL-CDR05 Datasheet
159Kb / 4P
Thyristor Series
BT151-800 CDIL-BT151-800 Datasheet
76Kb / 2P
Thyristor Series
logo
Bourns Electronic Solut...
TISP4C015L1N BOURNS-TISP4C015L1N Datasheet
343Kb / 5P
LOW CAPACITANCE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
logo
Protek Devices
PLRT0504LC PROTEC-PLRT0504LC Datasheet
908Kb / 7P
ultr a low capacitance steering diode/thyristor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com