Electronic Components Datasheet Search
  English  ▼

X  

ZMM5259 Datasheet(PDF) 1 Page - First Components International

Part # ZMM5259
Description  500 mWatts Glass Pack Surface Mount Zener Diode WIDE VOLTAGE RANGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

ZMM5259 Datasheet(HTML) 1 Page - First Components International

  ZMM5259 Datasheet HTML 1Page - First Components International ZMM5259 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mechanical Dimensions
Dimensions in Inches (mm)
FEATURES
□
3%, 5%, 10%, 20% VOLTAGE AVAILABLE
□
WIDE VOLTAGE RANGE
□
MEETS UL SPECIFICATION 94V-0
CHARACTERISTIC AT Ta=25℃
SYMBOL
MIN
TYP
MAX
UNIT
RthA
0.3
k/Mw
VF
1.1
V
ABSOLUTE MAX. RATINGS
UNIT
mW
℃
℃
FIG.1: BREAKDOWN CHARACTERISTICS
175
-65 to +175
* VALID PROVIDED THAT LEADS AT A DISTANCE OF 10mm FROM CASE ARE KEPT AT AMBIENT TEMPERATU
ZENER CURRENT SEE TABLE CHARACTERISTICS
JUNCTION TEMPERATURE
STORAGE TEMPERATURE RANGE
Ptot
Tj
Ts
SYMBOL
VALUE
POWER DISSIPATION AT Ta=25℃
500
Description
MINI MELF GLASS
* VALID PROVIDED THAT LEADS AT A DISTANCE OF 10mm FROM CASE ARE KEPT AT AMBIENT TEMPERATU
FORWARD VOLTAGE AT IF=200mA
THERMAL RESISTANCE JUNCTION TO AMBIENT AIR
Data Sheet
500 mWatts Glass Pack
Surface Mount Zener Diode


Similar Part No. - ZMM5259

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMM5259 SEMTECH-ZMM5259 Datasheet
402Kb / 3P
SILICON PLANAR POWER ZENER DIODES?
logo
General Semiconductor
ZMM5259 GE-ZMM5259 Datasheet
75Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZMM5259 GOOD-ARK-ZMM5259 Datasheet
34Kb / 3P
SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
ZMM5259 DAESAN-ZMM5259 Datasheet
414Kb / 3P
0.5W SILICON PLANAR ZENER DIODES
logo
Daya Electric Group Co....
ZMM5259 DAYA-ZMM5259 Datasheet
366Kb / 3P
SILICON PLANAR ZENER DIODES
More results

Similar Description - ZMM5259

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZM55C2V4 RECTRON-BZM55C2V4 Datasheet
460Kb / 5P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
BZT52B4V3S RECTRON-BZT52B4V3S Datasheet
233Kb / 3P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3 to 39 Volts POWER RATING 410 mWatts
BZT52C2V4 RECTRON-BZT52C2V4 Datasheet
214Kb / 4P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 500 mWatts
BZX84C2V4W RECTRON-BZX84C2V4W Datasheet
182Kb / 4P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39Volts POWER RATING 200 mWatts
MMBZ5223BW RECTRON-MMBZ5223BW Datasheet
250Kb / 4P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
MMBZ5223B RECTRON-MMBZ5223B Datasheet
249Kb / 4P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 350 mWatts
MMSZ4681 RECTRON-MMSZ4681 Datasheet
373Kb / 5P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
MMSZ5221B RECTRON-MMSZ5221B Datasheet
201Kb / 4P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
UDZS3V6B RECTRON-UDZS3V6B Datasheet
213Kb / 3P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3.6 to 36 Volts POWER 200 mWatts
MM1Z5221B RECTRON-MM1Z5221B Datasheet
1Mb / 4P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com