Electronic Components Datasheet Search
  English  ▼

X  

IRLR8729TRLPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLR8729TRLPBF
Description  High Frequency Synchronous Buck Converters for Computer Processor Power
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR8729TRLPBF Datasheet(HTML) 1 Page - International Rectifier

  IRLR8729TRLPBF Datasheet HTML 1Page - International Rectifier IRLR8729TRLPBF Datasheet HTML 2Page - International Rectifier IRLR8729TRLPBF Datasheet HTML 3Page - International Rectifier IRLR8729TRLPBF Datasheet HTML 4Page - International Rectifier IRLR8729TRLPBF Datasheet HTML 5Page - International Rectifier IRLR8729TRLPBF Datasheet HTML 6Page - International Rectifier IRLR8729TRLPBF Datasheet HTML 7Page - International Rectifier IRLR8729TRLPBF Datasheet HTML 8Page - International Rectifier IRLR8729TRLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.irf.com
1
11/23/09
IRLR8729PbF
IRLU8729PbF
HEXFET® Power MOSFET
Notes
 through … are on page 11
Benefits
l Very Low RDS(on) at 4.5V VGS
l Ultra-Low Gate Impedance
l Fully Characterized Avalanche Voltage
and Current
l Lead-Free
l RoHS compliant
Applications
l High Frequency Synchronous Buck
Converters for Computer Processor Power
l High Frequency Isolated DC-DC
Converters with Synchronous Rectification
for Telecom and Industrial Use
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
™
PD @TC = 25°C
Maximum Power Dissipation
g
W
PD @TC = 100°C Maximum Power Dissipation g
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
2.73
RθJA
Junction-to-Ambient (PCB Mount)
gÃ
–––
50
°C/W
RθJA
Junction-to-Ambient
–––
110
0.37
27
300 (1.6mm from case)
-55 to + 175
55
Max.
58
f
41
f
260
± 20
30
ORDERING INFORMATION:
See detailed ordering and shipping information on the last page of this data sheet.
D-Pak
IRLR8729PbF
I-Pak
IRLU8729PbF
G
S
D
G
D
S
GD
S
Gate
Drain
Source
VDSS RDS(on) max
Qg
30V
8.9m
Ω
10nC
PD - 97352B


Similar Part No. - IRLR8729TRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR8729TRPBF IRF-IRLR8729TRPBF Datasheet
367Kb / 11P
HEXFET Power MOSFET
logo
VBsemi Electronics Co.,...
IRLR8729TRPBF VBSEMI-IRLR8729TRPBF Datasheet
1Mb / 8P
N-Channel 30-V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
IRLR8729TRPBF-TP TECHPUBLIC-IRLR8729TRPBF-TP Datasheet
1Mb / 3P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - IRLR8729TRLPBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFR3709ZPBF KERSEMI-IRFR3709ZPBF Datasheet
4Mb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3704ZPBF KERSEMI-IRFU3704ZPBF Datasheet
4Mb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3707ZPBF KERSEMI-IRFU3707ZPBF Datasheet
4Mb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
logo
International Rectifier
IRLU7833-701PBF IRF-IRLU7833-701PBF Datasheet
325Kb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRLR7833 KERSEMI-IRLR7833 Datasheet
1Mb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
IRLR7843 KERSEMI-IRLR7843 Datasheet
1Mb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
IRLU8721 KERSEMI-IRLU8721 Datasheet
1Mb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
logo
International Rectifier
IRF3707ZPBF IRF-IRF3707ZPBF_15 Datasheet
393Kb / 12P
High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRF3704ZL KERSEMI-IRF3704ZL Datasheet
1Mb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZS KERSEMI-IRF3704ZS Datasheet
1Mb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com