Electronic Components Datasheet Search
  English  ▼

X  

24LCS52-ST Datasheet(PDF) 1 Page - Microchip Technology

Part # 24LCS52-ST
Description  Single Supply with Operation Down to 1.8V
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS52-ST Datasheet(HTML) 1 Page - Microchip Technology

  24LCS52-ST Datasheet HTML 1Page - Microchip Technology 24LCS52-ST Datasheet HTML 2Page - Microchip Technology 24LCS52-ST Datasheet HTML 3Page - Microchip Technology 24LCS52-ST Datasheet HTML 4Page - Microchip Technology 24LCS52-ST Datasheet HTML 5Page - Microchip Technology 24LCS52-ST Datasheet HTML 6Page - Microchip Technology 24LCS52-ST Datasheet HTML 7Page - Microchip Technology 24LCS52-ST Datasheet HTML 8Page - Microchip Technology 24LCS52-ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
 1996-2011 Microchip Technology Inc.
DS21166K-page 1
24AA52/24LCS52
Device Selection Table
Features:
• Single Supply with Operation Down to 1.8V
• Low-Power CMOS Technology:
- 1 mA active current, typical
-1
A standby current, typical (I-temp)
• Organized as 1 Block of 256 Bytes (256 x 8)
• Software Write Protection for Lower 128 Bytes
• Hardware Write Protection for Entire Array
• 2-Wire Serial Interface Bus, I2C™ Compatible
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz (24AA52) and 400 kHz (24LCS52)
Compatibility
• Self-Timed Write Cycle (including auto-erase)
• Page Write Buffer for up to 16 Bytes
• ESD Protection > 4,000V
• 1,000,000 Erase/Write Cycles
• Data Retention > 200 Years
• 8-Lead PDIP, SOIC, TSSOP, MSOP, DFN and
TDFN Packages
• Pb-Free Finishes Available
• Available for Extended Temperature Ranges:
- Industrial (I): -40°C to +85°C
Package Types
Description:
The Microchip Technology Inc. 24AA52/24LCS52
(24XXX52*) is a 2 Kbit Electrically Erasable PROM
capable of operation across a broad voltage range
(1.8V to 5.5V). This device has a software write-protect
feature for the lower half of the array, as well as an
external pin that can be used to write-protect the entire
array. The software write-protect feature is enabled by
sending the device a special command. Once this
feature has been enabled, it cannot be reversed. In
addition to the software protect feature, there is a WP
pin that can be used to write-protect the entire array,
regardless of whether the software write-protect
register has been written or not. This allows the system
designer to protect none, half, or all of the array,
depending on the application. The device is organized
as one block of 256 x 8-bit memory with a 2-wire serial
interface. Low-voltage design permits operation down
to 1.8V, with standby and active currents of only 1
A
and 1 mA, respectively. The 24XXX52 also has a page
write capability for up to 16 bytes of data. The 24XXX52
is available in the standard 8-pin PDIP, surface mount
SOIC, TSSOP, MSOP, DFN and TDFN packages.
Block Diagram
Part
Number
VCC
Range
Max Clock
Frequency
Temp
Ranges
24AA52
1.8-5.5
400 kHz(1)
I
24LCS52
2.2-5.5
400 kHz
I
Note 1:
100 kHz for VCC <2.2V
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
PDIP/SOIC/TSSOP/MSOP/DFN/TDFN
A0
A1
A2
VSS
WP
SCL
SDA
VCC
8
7
6
5
1
2
3
4
I/O
Control
Logic
Memory
Control
Logic
XDEC
HV Generator
Standard
Array
Software write
Write-Protect
Circuitry
YDEC
VCC
VSS
Sense Amp.
R/W Control
SDA SCL
A0 A1 A2
WP
protected area
(00h-7Fh)
2K 2.2V I2C™ Serial EEPROM with Software Write-Protect
*24XXX52 is used in this document as a generic part number
for the 24AA52/24LCS52 devices.


Similar Part No. - 24LCS52-ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LCS52-/MC MICROCHIP-24LCS52-/MC Datasheet
455Kb / 28P
2K 2.2V I2C??Serial EEPROM with Software Write-Protect
2005
24LCS52-/MCG MICROCHIP-24LCS52-/MCG Datasheet
455Kb / 28P
2K 2.2V I2C??Serial EEPROM with Software Write-Protect
2005
24LCS52-/MS MICROCHIP-24LCS52-/MS Datasheet
455Kb / 28P
2K 2.2V I2C??Serial EEPROM with Software Write-Protect
2005
24LCS52-/MSG MICROCHIP-24LCS52-/MSG Datasheet
455Kb / 28P
2K 2.2V I2C??Serial EEPROM with Software Write-Protect
2005
24LCS52-/P MICROCHIP-24LCS52-/P Datasheet
455Kb / 28P
2K 2.2V I2C??Serial EEPROM with Software Write-Protect
2005
More results

Similar Description - 24LCS52-ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LCS22A-ISNG MICROCHIP-24LCS22A-ISNG Datasheet
365Kb / 26P
Single Supply with Operation Down to 2.5V
01/02/08
93LC86-SN MICROCHIP-93LC86-SN Datasheet
224Kb / 22P
Single Supply with Programming Operation down to 2.5V
01/05/10
logo
Micross Components
AS8SF384K32 MICROSS-AS8SF384K32 Datasheet
185Kb / 14P
Operation with single 5V supply
logo
NXP Semiconductors
NE564 PHILIPS-NE564 Datasheet
150Kb / 9P
Operation with single 5V supply
1994 Aug 31
logo
Hotchip Technology Co.,...
AT24C02 HOTCHIP-AT24C02 Datasheet
909Kb / 13P
Single supply with operation down to 1.8v
logo
Maxim Integrated Produc...
MAX3580EVKIT MAXIM-MAX3580EVKIT Datasheet
376Kb / 7P
3.1V to 3.5V Single-Supply Operation
Rev 0; 7/07
MAX20429EVKIT MAXIM-MAX20429EVKIT Datasheet
576Kb / 12P
Single Supply Operation with 3.0V to 5.5V Input Supply Range
Rev 0; 12/20
MAX5498EVKIT MAXIM-MAX5498EVKIT Datasheet
313Kb / 13P
2.7V to 5.25V Single-Supply Operation
Rev 1; 12/08
MAX5389EVKIT MAXIM-MAX5389EVKIT Datasheet
645Kb / 7P
2.8V to 5.5V Single-Supply Operation
Rev 0; 4/10
MAX44264EVKIT MAXIM-MAX44264EVKIT Datasheet
844Kb / 7P
1.8V to 5.5V Single-Supply Operation
19-5757; Rev 0; 2/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com