Electronic Components Datasheet Search
  English  ▼

X  

93LC86-SN Datasheet(PDF) 1 Page - Microchip Technology

Part # 93LC86-SN
Description  Single Supply with Programming Operation down to 2.5V
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC86-SN Datasheet(HTML) 1 Page - Microchip Technology

  93LC86-SN Datasheet HTML 1Page - Microchip Technology 93LC86-SN Datasheet HTML 2Page - Microchip Technology 93LC86-SN Datasheet HTML 3Page - Microchip Technology 93LC86-SN Datasheet HTML 4Page - Microchip Technology 93LC86-SN Datasheet HTML 5Page - Microchip Technology 93LC86-SN Datasheet HTML 6Page - Microchip Technology 93LC86-SN Datasheet HTML 7Page - Microchip Technology 93LC86-SN Datasheet HTML 8Page - Microchip Technology 93LC86-SN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
 2010 Microchip Technology Inc.
DS21131F-page 1
93LC76/86
Features:
• Single Supply with Programming Operation down
to 2.5V
• Low-Power CMOS Technology
- 1 mA active current typical
-5
A standby current (typical) at 3.0V
• ORG Pin Selectable Memory Configuration
1024 x 8 or 512 x 16-Bit Organization (93LC76)
2048 x 8 or 1024 x 16-Bit Organization (93LC86)
• Self-Timed Erase and Write Cycles
(including auto-erase)
• Automatic ERAL before WRAL
• Power On/Off Data Protection Circuitry
• Industry Standard 3-Wire Serial I/O
• Device Status Signal during Erase/Write Cycles
• Sequential Read Function
• 1,000,000 Erase/Write Cycles Ensured
• Data Retention > 200 years
• 8-Pin PDIP/SOIC Package
• Temperature Ranges Available
Description:
The Microchip Technology Inc. 93LC76/86 are 8K and
16K low voltage serial Electrically Erasable PROMs.
The device memory is configured as x8 or x16 bits
depending on the ORG pin setup. Advanced CMOS
technology makes these devices ideal for low power
nonvolatile memory applications. These devices also
have a Program Enable (PE) pin to allow the user to
write-protect the entire contents of the memory array.
The 93LC76/86 is available in standard 8-pin PDIP and
8-pin surface mount SOIC packages.
Package Types
Block Diagram
- Commercial (C)
0°C to +70°C
- Industrial (I)
-40°C to +85°C
SOIC Package
PDIP Package
CS
CLK
DI
DO
VSS
PE
VCC
ORG
CS
CLK
DI
DO
VCC
PE
ORG
VSS
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
DO
CS
CLK
VCC VSS
Memory
Array
Address
Decoder
Data
Register
Counter
Address
Output
Buffer
Mode
Decode
Logic
Generator
Clock
DI
PE
8K/16K 2.5V Microwire Serial EEPROM
Not recommended for new designs –
Please use 93LC76C or 93LC86C.


Similar Part No. - 93LC86-SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LC86-SN MICROCHIP-93LC86-SN Datasheet
86Kb / 12P
8K/16K 2.5V Microwire Serial EEPROM
1996
More results

Similar Description - 93LC86-SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC128-ISN MICROCHIP-24LC128-ISN Datasheet
952Kb / 38P
Single Supply with Operation down to 1.7V for 24AA128/24FC128 devices, 2.5V for 24LC128 Devices
01/05/10
24LCS22A-ISNG MICROCHIP-24LCS22A-ISNG Datasheet
365Kb / 26P
Single Supply with Operation Down to 2.5V
01/02/08
24LCS52-ST MICROCHIP-24LCS52-ST Datasheet
822Kb / 36P
Single Supply with Operation Down to 1.8V
08/02/11
logo
Micross Components
AS8SF384K32 MICROSS-AS8SF384K32 Datasheet
185Kb / 14P
Operation with single 5V supply
logo
Hotchip Technology Co.,...
AT24C02 HOTCHIP-AT24C02 Datasheet
909Kb / 13P
Single supply with operation down to 1.8v
logo
Maxim Integrated Produc...
MAX98358 MAXIM-MAX98358 Datasheet
589Kb / 13P
2.5V to 5.5V Single-Supply Operation
19-3853; Rev 0; 2/17
MAX98356EVKIT MAXIM-MAX98356EVKIT Datasheet
2Mb / 20P
2.5V to 5.5V Single-Supply Operation
19-6408; Rev 0; 7/12
MAX98355EVKIT MAXIM-MAX98355EVKIT Datasheet
1Mb / 16P
2.5V to 5.5V Single-Supply Operation
19-6407; Rev 0; 7/12
MAX98309EVKIT MAXIM-MAX98309EVKIT Datasheet
1Mb / 8P
2.5V to 5.5V Single-Supply Operation
19-5979; Rev 0; 7/11
MAX98502EVKIT MAXIM-MAX98502EVKIT Datasheet
1Mb / 7P
2.5V to 5.5V Single-Supply Operation
19-6275; Rev 0; 4/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com