Electronic Components Datasheet Search
  English  ▼

X  

IRFS4321TRLPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRFS4321TRLPBF
Description  High Efficiency Synchronous Rectification in SMPS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS4321TRLPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRFS4321TRLPBF Datasheet HTML 2Page - International Rectifier IRFS4321TRLPBF Datasheet HTML 3Page - International Rectifier IRFS4321TRLPBF Datasheet HTML 4Page - International Rectifier IRFS4321TRLPBF Datasheet HTML 5Page - International Rectifier IRFS4321TRLPBF Datasheet HTML 6Page - International Rectifier IRFS4321TRLPBF Datasheet HTML 7Page - International Rectifier IRFS4321TRLPBF Datasheet HTML 8Page - International Rectifier IRFS4321TRLPBF Datasheet HTML 9Page - International Rectifier IRFS4321TRLPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRFS_SL4321PbF
6
www.irf.com
Fig. 17 - Typical Recovery Current vs. dif/dt
Fig 16. Threshold Voltage Vs. Temperature
Fig. 19 - Typical Stored Charge vs. dif/dt
Fig. 18 - Typical Recovery Current vs. dif/dt
Fig. 20 - Typical Stored Charge vs. dif/dt
-75 -50 -25
0
25
50
75 100 125 150 175
TJ , Temperature ( °C )
1.0
2.0
3.0
4.0
5.0
6.0
ID = 1.0A
ID = 1.0mA
ID = 250μA
100 200 300 400 500 600 700 800 900 1000
dif / dt - (A / μs)
0
10
20
30
40
IF = 33A
VR = 128V
TJ = 125°C
TJ = 25°C
100 200 300 400 500 600 700 800 900 1000
dif / dt - (A / μs)
0
10
20
30
40
IF = 50A
VR = 128V
TJ = 125°C
TJ = 25°C
100 200 300 400 500 600 700 800 900 1000
dif / dt - (A / μs)
0
400
800
1200
1600
2000
2400
2800
3200
IF = 33A
VR = 128V
TJ = 125°C
TJ = 25°C
100 200 300 400 500 600 700 800 900 1000
dif / dt - (A / μs)
0
400
800
1200
1600
2000
2400
2800
3200
IF = 50A
VR = 128V
TJ = 125°C
TJ = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com