Electronic Components Datasheet Search
  English  ▼

X  

TSOT-25 Datasheet(PDF) 1 Page - Analog Microelectronics

Part # TSOT-25
Description  MILLIMETERS MIN 0.90 MAX 1.25 INCHES MIN 0.0354 MAX 0.0492
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

TSOT-25 Datasheet(HTML) 1 Page - Analog Microelectronics

  TSOT-25 Datasheet HTML 1Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TSOT-25
MINMAX
MINMAX
A+A1
0.90
1.25
0.0354
0.0492
b
0.30
0.50
0.0118
0.0197
D
2.70
3.10
0.1063
0.1220
E
1.40
1.80
0.0551
0.0709
e
H
2.40
3.00
0.0945
0.1181
L
θ1
0
o
10
o
0
o
10
o
S1
SYMBOLS
MILLIMETERS
INCHES
1.90 BSC
0.07480 BSC
0.35BSC
0.0138BSC
0.95BSC
0.0374BSC


Similar Part No. - TSOT-25

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
TSOT-25 AME-TSOT-25 Datasheet
37Kb / 1P
Carrier Width (W) 8.0-0.1 mm Pitch (P) 4.0-0.1 mm
logo
ELM Technology Corporat...
TSOT-25 ELM-TECH-TSOT-25 Datasheet
556Kb / 1P
Package, Reel, Taping
More results

Similar Description - TSOT-25

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
PDIP-8 AME-PDIP-8 Datasheet
53Kb / 1P
A : MIN 0.13 MAX - B : MIN 6.10 MAX 7.10
PQFP-44 AME-PQFP-44 Datasheet
89Kb / 1P
A : MIN - MAX 2.70 B : MIN 0.15 MAX 0.35
SOP-8 AME-SOP-8 Datasheet
69Kb / 1P
A : MIN 1.35 MAX 1.75 A1 : MIN 0.10 MAX 0.30
SOT-23 AME-SOT-23 Datasheet
72Kb / 1P
A : MIN 0.90 MAX 1.40 A1 : MIN 0.00 MAX 0.15
SOT-25 AME-SOT-25 Datasheet
55Kb / 1P
A : MIN 0.90 MAX 1.30 A1 : MIN 0.00 MAX 0.15
SOT-26 AME-SOT-26 Datasheet
80Kb / 1P
A : MIN 0.90 MAX 1.30 A1 : MIN 0.00 MAX 0.15
SOT-223 AME-SOT-223 Datasheet
81Kb / 1P
A : MIN 0.01 MAX 0.10 B : MIN 0.60 MAX 0.84
TO-252-2 AME-TO-252-2 Datasheet
39Kb / 1P
A : MIN 0.43 MAX 0.58 B : MIN 1.60 MAX 1.95
TSOT-26 AME-TSOT-26 Datasheet
47Kb / 1P
MILLIMETERS MIN 0.80 MAX 1.30 INCHES MIN 0.0315 MAX 0.0512
TSOT-23 AME-TSOT-23 Datasheet
47Kb / 1P
MILLIMETERS MIN 0.80 MAX 1.30 INCHES MIN 0.0315 MAX 0.0512
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com